Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2172 Datasheet (PDF) - Dallas Semiconductor

DS2172 Datasheet PDF - Dallas Semiconductor
Part # DS2172
Download  DS2172 Download
File Size   213.75 Kbytes
Page   21 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Bit Error Rate Tester BERT

DS2172 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2172 Datasheet PDF - Dallas Semiconductor

Part # DS2172
Download  DS2172 Click to download

File Size   213.75 Kbytes
Page   21 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Bit Error Rate Tester BERT

DS2172 Datasheet (HTML) - Dallas Semiconductor


DS2172 Product details

DESCRIPTION
The DS2172 Bit Error Rate Tester (BERT) is a software programmable test pattern generator, receiver, and analyzer capable of meeting the most stringent error performance requirements of digital transmission facilities. Two categories of test pattern generation (Pseudo-random and Repetitive) conform to CCITT/ITU O.151, O.152, O.153, and O.161 standards. The DS2172 operates at clock rates ranging from DC to 52 MHz. This wide range of operating frequency allows the DS2172 to be used in existing and future test equipment, transmission facilities, switching equipment, multiplexers, DACs, Routers, Bridges, CSUs, DSUs, and CPE equipment.

FEATURES
■ Generates/Detects digital bit patterns for analyzing, evaluating and troubleshooting digital communications systems
■ Operates at speeds from DC to 52 MHz
■ Programmable polynomial length and feedback taps for generation of any other pseudorandom pattern up to 32 bits in length including: 26-1, 29-1, 211-1, 215-1, 220-1, 223-1, and 232-1
■ Programmable user-defined pattern and length for generation of any repetitive pattern up to 32 bits in length
■ Large 32-bit error count and bit count registers
■ Software programmable bit error insertion
■ Fully independent transmit and receive sections
■ 8-bit parallel control port
■ Detects test patterns with bit error rates up to 10-2




Similar Part No. - DS2172

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
Bit Error Rate Tester (BERT)
101000
More results


Similar Description - DS2172

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21372 DALLAS-DS21372 Datasheet
214Kb / 21P
3.3V Bit Error Rate Tester BERT
logo
Agilent(Hewlett-Packard...
N2101B HP-N2101B Datasheet
255Kb / 4P
Bit Error Ratio Tester
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
Measures Bit Error Rate
logo
Keysight Technologies
81250 KEYSIGHT-81250 Datasheet
2Mb / 64P
Agilent ParBERT 81250 Parallel Bit Error Ratio Tester
M8020A KEYSIGHT-M8020A Datasheet
5Mb / 36P
J-BERT M8020A High-Performance BERT
N4903B KEYSIGHT-N4903B Datasheet
5Mb / 26P
J-BERT N4903B High-Performance Serial BERT
M8070A KEYSIGHT-M8070A Datasheet
5Mb / 36P
J-BERT M8020A High-Performance BERT
logo
TEKTRONIX, INC.
BSX TEKTRONIX-BSX Datasheet
1Mb / 38P
Bit Error Rate Tester
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
Bit Error Rate Tester (BERT)
101000
DS21372 MAXIM-DS21372 Datasheet
180Kb / 22P
3.3V Bit Error Rate Tester (BERT)
101000
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com