Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2175 Datasheet (PDF) - Dallas Semiconductor

DS2175 Datasheet PDF - Dallas Semiconductor
Part # DS2175
Download  DS2175 Download
File Size   243.25 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1/CEPT Elastic Store

DS2175 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2175 Datasheet PDF - Dallas Semiconductor

Part # DS2175
Download  DS2175 Click to download

File Size   243.25 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1/CEPT Elastic Store

DS2175 Datasheet (HTML) - Dallas Semiconductor


DS2175 Product details

DESCRIPTION
The DS2175 is a low–power CMOS elastic–store memory optimized for use in primary rate telecommunications transmission equipment. The device serves as a synchronizing element between async data streams and is compatible with North American (T1–1.544 MHz) and European (CEPT–2.048 MHz) rate networks. The chip has several flexible operating modes which eliminate support logic and hardware currently required to interconnect parallel or serial TDM backplanes. Application areas include digital trunks, drop and insert equipment, digital cross–connects (DACS), private network equipment and PABX–to–computer interfaces such as DMI and CPI.

FEATURES
• Rate buffer for T1 and CEPT transmission systems
• Synchronizes loop–timed and system timed data streams on frame boundaries
• Ideal for T1 (1.544 MHz) to CEPT (2.048 MHz), CEPT to T1 interfaces
• Supports parallel and serial backplanes
• Buffer depth is 2 frames
• Comprehensive on–chip “slip” control logic
   – Slips occur only on frame boundaries
   – Outputs report slip occurrences and direction
   – Align feature allows buffer to be recentered at any time
   – Buffer depth easily monitored
• Compatible with DS2180A T1 and DS2181A CEPT Transceivers
• Industrial temperature range of –40°C to +85°C available, designated DS2175N




Similar Part No. - DS2175

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2175 MAXIM-DS2175 Datasheet
246Kb / 12P
T1/CEPT Elastic Store
092099
More results


Similar Description - DS2175

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT66003 BOURNS-PT66003 Datasheet
127Kb / 1P
T1/CEPT Transformer
PT66007 BOURNS-PT66007 Datasheet
146Kb / 1P
T1/E1/CEPT Transformer
logo
Filtran LTD
TEW5301 FILTRAN-TEW5301 Datasheet
35Kb / 1P
CEPT/T1 Output Transformer
TEW5362 FILTRAN-TEW5362 Datasheet
25Kb / 1P
CEPT/T1 Output Transformer
TEW5434 FILTRAN-TEW5434 Datasheet
118Kb / 1P
CEPT/T1 Input Transformer
8150 FILTRAN-8150 Datasheet
268Kb / 2P
T1/CEPT Quad Port T1/E1
logo
Rhombus Industries Inc.
T-16700 RHOMBUS-IND-T-16700 Datasheet
43Kb / 1P
T1/CEPT Transformers
logo
Bothhand USA, LP.
S5871A BOTHHAND-S5871A Datasheet
92Kb / 1P
T1/CEPT TRANSFORMER
S5872 BOTHHAND-S5872 Datasheet
93Kb / 1P
T1/CEPT TRANSFORMER
logo
Maxim Integrated Produc...
DS2175 MAXIM-DS2175 Datasheet
246Kb / 12P
T1/CEPT Elastic Store
092099
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com