Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2176N Datasheet (PDF) - Dallas Semiconductor

DS2176N Datasheet PDF - Dallas Semiconductor
Part # DS2176N
Download  DS2176N Download
File Size   294.74 Kbytes
Page   15 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1 Receive Buffer

DS2176N Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2176N Datasheet PDF - Dallas Semiconductor

Part # DS2176N
Download  DS2176N Click to download

File Size   294.74 Kbytes
Page   15 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description T1 Receive Buffer

DS2176N Datasheet (HTML) - Dallas Semiconductor


DS2176N Product details

DESCRIPTION
The DS2176 is a low–power CMOS device specifically designed for synchronizing receive side loop–timed T–carrier data streams with system side timing. The device has several flexible operating modes which simplify interfacing incoming data to parallel and serial TDM backplanes. The device extracts, buffers and integrates ABCD signaling; signaling updates are prohibited during alarm or slip conditions. The buffer replaces extensive hardware in existing applications with one “skinny” 24–lead package. Application areas include digital trunks, drop and insert equipment, transcoders, digital cross–connects (DACS), private network equipment and PABX–to–computer interfaces such as DMI and CPI.

FEATURES
■ Synchronizes loop–timed and system–timed T1 data streams
■ Two–frame buffer depth; slips occur on frame boundaries
■ Output indicates when slip occurs
■ Buffer may be recentered externally
■ Ideal for 1.544 to 2.048 MHz rate conversion
■ Interfaces to parallel or serial backplanes
■ Extracts and buffers robbed–bit signaling
■ Inhibits signaling updates during alarm or slip conditions
■ Integration feature “debounces” signaling
■ Slip–compensated output indicates when signaling updates occur
■ Compatible with DS2180A T1 Transceiver
■ Surface mount package available, designated DS2176Q
■ Industrial temperature range of –40°C to
   +85°C available, designated DS2176N




Similar Part No. - DS2176N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2176 MAXIM-DS2176 Datasheet
297Kb / 15P
T1 Receive Buffer
091599
More results


Similar Description - DS2176N

ManufacturerPart #DatasheetDescription
logo
Level One
LXT304A LVL1-LXT304A Datasheet
347Kb / 18P
Low-Power T1/E1 Short-Haul Transceiver with Receive JA
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
SCHOTT CORPORATION
22137 SCHOTT-22137 Datasheet
17Kb / 1P
XFMR RECEIVE, T1/CEPT
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
M/A-COM Technology Solu...
MAIA-009579 MA-COM-MAIA-009579_15 Datasheet
1Mb / 14P
Receive Module
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
3.125 Gbps LVDS Buffer with Receive Equalization
logo
Maxim Integrated Produc...
DS2176 MAXIM-DS2176 Datasheet
297Kb / 15P
T1 Receive Buffer
091599
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com