Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2401 Datasheet (PDF) - Dallas Semiconductor

DS2401 Datasheet PDF - Dallas Semiconductor
Part # DS2401
Download  DS2401 Download
File Size   151.22 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Silicon Serial Number

DS2401 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2401 Datasheet PDF - Dallas Semiconductor

Part # DS2401
Download  DS2401 Click to download

File Size   151.22 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Silicon Serial Number

DS2401 Datasheet (HTML) - Dallas Semiconductor


DS2401 Product details

FEATURES
Upgrade and drop-in replacement for DS2400
   - Extended 2.8 to 6.0 voltage range
   - Multiple DS2401s can reside on a common 1-Wire bus
Unique, factory-lasered and tested 64-bit registration number (8-bit family code + 48- bit serial number + 8-bit CRC tester); guaranteed no two parts alike
Built-in multidrop controller ensures compatibility with other MicroLAN products
8-bit family code specifies DS2401 communications requirements to reader
Presence Pulse acknowledges when the reader first applies voltage
Low-cost TO-92, SOT-223 and TSOC surface mount packages
Reduces control, address, data, and power to a single pin
Zero standby power required
Directly connects to a single port pin of a microprocessor and communicates at up to 16.3 kbits/s
TO-92 tape & reel version with leads bent to 100 mil spacing (default) or with straight leads (DS2401T-SL)
Applications
   - PCB Identification
   - Network Node ID
   - Equipment Registration
Operates over industrial temperature range of -40°C to +85°C




Similar Part No. - DS2401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2401 MAXIM-DS2401 Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
DS2401 MAXIM-DS2401 Datasheet
1Mb / 9P
Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Analog Devices
DS2401 AD-DS2401 Datasheet
405Kb / 12P
Silicon Serial Number
Rev 12/23
DS2401+ AD-DS2401+ Datasheet
405Kb / 12P
Silicon Serial Number
Rev 12/23
logo
Maxim Integrated Produc...
DS2401-SL MAXIM-DS2401-SL Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
More results


Similar Description - DS2401

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
Serial Number iButton
DS2411 DALLAS-DS2411 Datasheet
231Kb / 11P
Silicon Serial Number with VCC Input
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
I짼C/SMBus Silicon Serial Number
REV: 072406
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
DS2401 MAXIM-DS2401_11 Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
Serial Number iButton
Rev 4; 8/10
DS2411 MAXIM-DS2411 Datasheet
527Kb / 12P
Silicon Serial Number with Vcc Input
Rev 11/11
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
Serial Number iButton
Rev 4; 8/10
logo
ATMEL Corporation
AT24CS04 ATMEL-AT24CS04_14 Datasheet
881Kb / 24P
Factory Programmed 128-bit Serial Number
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
Factory Programmed 128-bit Serial Number
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com