Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2404 Datasheet (PDF) - Dallas Semiconductor

DS2404 Datasheet PDF - Dallas Semiconductor
Part # DS2404
Download  DS2404 Download
File Size   663.69 Kbytes
Page   28 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description EconoRAM Time Chip

DS2404 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2404 Datasheet PDF - Dallas Semiconductor

Part # DS2404
Download  DS2404 Click to download

File Size   663.69 Kbytes
Page   28 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description EconoRAM Time Chip

DS2404 Datasheet (HTML) - Dallas Semiconductor


DS2404 Product details

DESCRIPTION

The DS2404 EconoRAM Time Chip offers a simple solution for storing and retrieving vital data and time

information with minimal hardware. The DS2404 contains a unique lasered ROM, real-time clock/calendar, interval timer, cycle counter, programmable interrupts and 4096-bits of SRAM. Two separate ports are provided for communication, 1-Wire and 3-wire. Using the 1-Wire port, only one pin is required for communication, and the lasered ROM can be read even when the DS2404 is without power. The 3-wire port provides  high speed communication using the traditional Dallas Semiconductor 3-wire interface. With either interface, a strict protocol for accessing the DS2404 ensures data integrity. Utilizing backup energy sources, the data is nonvolatile and allows for stand-alone operation.



FEATURES

4096 bits of nonvolatile dual-port memory including real time clock/calendar in binary format, programmable interval timer, and programmable power-on cycle counter

1-WireTM interface for MicroLAN communication at 16.3k bits per second

3-wire host interface for high-speed data communications at 2M bits per second

Unique, factory-lasered and tested 64-bit registration number (8-bit family code + 48-bit serial number + 8-bit CRC tester) assures absolute traceability because no two parts are alike

Memory partitioned into 16 pages of 256-bits for packetizing data

256-bit scratchpad with strict read/write protocols ensures integrity of data transfer

Programmable alarms can be set to generate interrupts for interval timer, real time clock, and/or cycle counter

16-pin DIP, SOIC and SSOP packages

Operating temperature range from -40°C to +85°C

Operating voltage range from 2.8 to 5.5 Volts




Similar Part No. - DS2404

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
Dual Port Memory Plus Time
More results


Similar Description - DS2404

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1215 DALLAS-DS1215 Datasheet
113Kb / 15P
Phantom Time Chip
DS1315 DALLAS-DS1315 Datasheet
523Kb / 21P
Phantom Time Chip
DS2415 DALLAS-DS2415 Datasheet
343Kb / 14P
1-Wire Time Chip
DS2223 DALLAS-DS2223 Datasheet
102Kb / 10P
EconoRAM
DS2415 DALLAS-DS2415 Datasheet
343Kb / 14P
1-Wire Time Chip
DS1315 DALLAS-DS1315_07 Datasheet
303Kb / 22P
Phantom Time Chip
logo
Maxim Integrated Produc...
DS1315 MAXIM-DS1315 Datasheet
649Kb / 21P
Phantom Time Chip
Rev 11/11
logo
Espros Photonics corp
EPC600 EPC-EPC600 Datasheet
650Kb / 30P
Time-of-flight range-finder chip
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
Time-of-Flight Companion Chip
logo
Jingjing Microelectroni...
EG4361 EGMICRO-EG4361 Datasheet
648Kb / 10P
Charge-Charged Time Control Specific Chip
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com