Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2437 Datasheet (PDF) - Dallas Semiconductor

DS2437 Datasheet PDF - Dallas Semiconductor
Part # DS2437
Download  DS2437 Download
File Size   1215.46 Kbytes
Page   31 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Smart Battery Monitor

DS2437 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2437 Datasheet PDF - Dallas Semiconductor

Part # DS2437
Download  DS2437 Click to download

File Size   1215.46 Kbytes
Page   31 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Smart Battery Monitor

DS2437 Datasheet (HTML) - Dallas Semiconductor


DS2437 Product details

DESCRIPTION

The DS2437 Smart Battery Monitor provides several functions that are desirable to carry in a battery pack: a means of tagging a battery pack with a unique serial number; a direct-to-digital temperature sensor which eliminates the need for thermistors in the battery pack; an A/D converter which measures the battery voltage and current; an integrated current accumulator, which keeps a running total of all current going into and out of the battery; a real-time clock; and 40 bytes of nonvolatile EEPROM memory for storage of important parameters such as battery capacity, capacity remaining, and indication of battery cycling.

Information is sent to/from the DS2437 over a 1-Wire interface, so that only one wire (and ground) needs to be connected from a central microprocessor to a DS2437. This means that battery packs need only have three output connectors: battery power, ground, and the 1-Wire interface.

Because each DS2437 contains a unique silicon serial number, multiple DS2437s can exist on the same 1-Wire bus. This allows multiple battery packs to be charged or used in the system simultaneously.



FEATURES

■ Unique 1-Wire® interface requires only one port pin for communication

■ Provides unique 64-bit serial number to battery packs

■ Eliminates thermistors by sensing battery temperature on-chip

■ On-board A/D converter allows monitoring of battery voltage for end-of-charge and end-of discharge determination

■ On-board integrated current accumulator facilitates gas gauging

■ Real-time clock in binary format

■ 40-byte nonvolatile user memory available for storage of user data such as gas gauge and manufacturing information

■ Operating range -40°C to +85°C

■ Applications include portable computers, portable/cellular phones, consumer electronics, and handheld instrumentation



 




Similar Part No. - DS2437

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
Smart Battery Monitor
070600
More results


Similar Description - DS2437

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
Smart Battery
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
Smart Battery Monitor
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
Battery Monitor
2004
logo
Maxim Integrated Produc...
DS2438Z MAXIM-DS2438Z Datasheet
432Kb / 29P
Smart Battery Monitor
070605
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
Smart Battery Monitor
070605
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
Smart Battery Monitor
070605
DS2438K MAXIM-DS2438K Datasheet
177Kb / 10P
Smart Battery Monitor Evaluation Kit
Rev 1; 8/09
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
Smart Battery Monitor
070600
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
logo
Omron Electronics LLC
KM50-E1-FLK OMRON-KM50-E1-FLK Datasheet
1Mb / 15P
Smart Power Monitor
2015.9
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com