Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2450 Datasheet (PDF) - Dallas Semiconductor

DS2450 Datasheet PDF - Dallas Semiconductor
Part # DS2450
Download  DS2450 Download
File Size   523.78 Kbytes
Page   24 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1-Wire Quad A/D Converter

DS2450 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2450 Datasheet PDF - Dallas Semiconductor

Part # DS2450
Download  DS2450 Click to download

File Size   523.78 Kbytes
Page   24 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1-Wire Quad A/D Converter

DS2450 Datasheet (HTML) - Dallas Semiconductor


DS2450 Product details

DESCRIPTION
The DS2450 1-Wire Quad A/D Converter is based on a successive-approximation analog to digital converter with a four to one analog multiplexer. Each input channel has its own register set to store the input voltage range, resolution, and alarm threshold values as well as flags to enable participation of the device in the conditional search if the input voltage leaves the specified range. Two alarm flags for each channel indicate if the voltage measured was too high or too low without requiring the bus master to do the comparison. Each A/D conversion is initiated by the bus master. A channel not used as analog input can serve as a digital open-drain output. After disabling the input the bus master can directly switch on or off the open-drain transistor at the selected channel.

FEATURES
■ Four high-impedance inputs to measure analog voltages over the 1-Wire bus
■ User programmable input range (2.56V, 5.12V), resolution (1 to 16 bits) and alarm thresholds
■ 5V, single supply operation
■ Very low power: 2.5 mW active, 25 mW idle
■ Built-in multidrop controller allows multiple DS2450’s to be identified and operated on a common 1-Wire bus
■ Responds to Conditional Search if the analog voltage crosses the alarm thresholds
■ Channels not used as analog input can serve as open drain digital outputs for closed-loop control
■ Directly connects to a single port pin of a microprocessor and communicates at up to 16.3k bits per second
■ Overdrive mode boosts communication speed to 142k bits per second
■ On-chip 16-bit CRC-generator for safeguarding data transfers
■ Unique, factory-lasered and tested 64-bit registration number (8-bit family code + 48-bit serial number 8-bit CRC tester) assures absolute traceability because no two parts are alike
■ 8-bit family code specifies device communication requirements to bus master
■ Operating temperature range from -40°C to +85°C
■ Compact, low cost 8-pin SOIC surface mount package




Similar Part No. - DS2450

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2450 MAXIM-DS2450 Datasheet
1,001Kb / 25P
1-Wire Quad A/D Converter
112706
More results


Similar Description - DS2450

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2552Q SONY-CXD2552Q Datasheet
430Kb / 17P
1 BIT D/A CONVERTER
logo
Analog Devices
AD7226 AD-AD7226 Datasheet
247Kb / 12P
LC2MOS Quad 8-Bit D/A Converter
AD75004 AD-AD75004 Datasheet
102Kb / 4P
Quad 12-Bit D/A Converter
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
LC2MOS Quad 8-Bit D/A Converter
REV. D
5962-8850902XA AD-5962-8850902XA Datasheet
1Mb / 3P
Quad 12-Bit Microprocessor Compatible D/A Converter
REV. A
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
LC MOS Quad 8-Bit D/A Converter
REV. D
AD75004 AD-AD75004_15 Datasheet
106Kb / 4P
Quad 12-Bit D/A Converter
REV. A
AD390 AD-AD390_17 Datasheet
1Mb / 4P
Quad 12-Bit Microprocessor-Compatible D/A Converter
23-Feb-2017
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
LC2MOS Quad 8-Bit D/A Converter
23-Feb-2017
logo
Maxim Integrated Produc...
DS2450 MAXIM-DS2450 Datasheet
1,001Kb / 25P
1-Wire Quad A/D Converter
112706
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com