Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80CH11 Datasheet (PDF) - Dallas Semiconductor

DS80CH11 Datasheet PDF - Dallas Semiconductor
Part # DS80CH11
Download  DS80CH11 Download
File Size   598.46 Kbytes
Page   88 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description System Energy Manager

DS80CH11 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS80CH11 Datasheet PDF - Dallas Semiconductor

Part # DS80CH11
Download  DS80CH11 Click to download

File Size   598.46 Kbytes
Page   88 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description System Energy Manager

DS80CH11 Datasheet (HTML) - Dallas Semiconductor


DS80CH11 Product details

GENERAL DESCRIPTION
OVERVIEW
The System Energy Manager is a highly integrated microcontroller that provides several key features for systems including key scanning and control, battery and power management, as well as two 2–Wire serial I/O Ports. It incorporates the Dallas 8051–compatible high–speed microcontroller core which has been redesigned to eliminate wasted clock and memory cycles. Every standard 8051 instruction is executed between 1.5 and 3 times faster than the original for the same crystal speed.

DETAILED FEATURE SUMMARY
• High Speed 80C32 Compatible Core:
    – High performance 4 clocks / machine cycle (8032 = 12)
    – Low Power: typically 1/3 power for equivalent 8032 throughput
    – Maximum clock speed up to 25 MHz at 5.0V
    – Ultra–low stop mode power (typ. 1 uA) and “IDLE” mode (typ. 10 mA)
    – Multiple wake–up sources from STOP including key scan, 2–wire, host I/F, or external interrupt
    – Three 16–bit timers, 1 serial port
    – 256 byte scratchpad
    – 256 bytes MOVX RAM
• Keyboard Control:
    – Replaces 8042 and key scan microcontroller
    – 2 Parallel I/O ports for key scan outputs
    – One interrupt–driven 8–bit input port to initiate key–scan sequence
• Input/Output:
    – Total of eleven 8–bit I/O ports; all pins can be individually programmed to serve as general purpose digital input/output.
    – Each 8–bit port supports one or more special functions:
        Port 0, 2, 3: External program / data memory interface
        Port 1, 3: UART, 2–Wire serial, timers, and external interrupt I/O.
        Port 4, 8, 9: Key scan input / output
        Port 5: A/D inputs
        Port 6: PWM Outputs
        Port 7: Activity monitor, LED Control
        Port 10: GPIO
• Analog Input/Output:
    – Eight–channel, 10–bit A/D with power down mode supports charging NiMH rechargeable cells
    – 4–channel, 8–bit PWM supports LCD brightness and contrast control
• 2–Wire Bi–directional Serial Buses
    – Master/slave multi–drop operation
    – Manages on–board slaves or external I/O devices
• Power Control
    – Generates system power on reset
    – Programmable power down pin states




Similar Part No. - DS80CH11

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310 Datasheet
1Mb / 23P
High-Speed Micro
DS80C310 DALLAS-DS80C310 Datasheet
382Kb / 22P
High-Speed Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
High-Speed Microcontroller
19-4859 ; Rev 8/09
logo
Dallas Semiconductor
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
1Mb / 23P
High-Speed Micro
DS80C310-ECG DALLAS-DS80C310-ECG Datasheet
333Kb / 21P
High-Speed Micro
More results


Similar Description - DS80CH11

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
Dual Smart Battery System Manager
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
Solar Cell System Manager
logo
Linear Technology
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
Dual Smart Battery System Manager
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
logo
Micro Analog systems
MAS6011 MAS-MAS6011 Datasheet
170Kb / 8P
Solar Cell System Manager
logo
Advantech Co., Ltd.
SNMP-1000-B ADVANTECH-SNMP-1000-B Datasheet
295Kb / 2P
Intelligent SNMP/HTTP System Manager
SNMP-1000-B ADVANTECH-SNMP-1000-B_12 Datasheet
1Mb / 2P
Intelligent SNMP/HTTP System Manager
logo
Linear Technology
LTC2975 LINER-LTC2975_15 Datasheet
1Mb / 104P
4-Channel PMBus Power System Manager Featuring Accurate Input Current and Energy Measurement
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
Battery Backup System Manager
LTC2975 LINER-LTC2975 Datasheet
1Mb / 26P
4-Channel Power Supply System Featuring the Power System Manager with Input Energy Accumulation
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com