Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C420 Datasheet (PDF) - Dallas Semiconductor

DS89C420 Datasheet PDF - Dallas Semiconductor
Part # DS89C420
Download  DS89C420 Download
File Size   539.93 Kbytes
Page   59 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Ultra-High-Speed Microcontroller

DS89C420 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS89C420 Datasheet PDF - Dallas Semiconductor

Part # DS89C420
Download  DS89C420 Click to download

File Size   539.93 Kbytes
Page   59 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Ultra-High-Speed Microcontroller

DS89C420 Datasheet (HTML) - Dallas Semiconductor


DS89C420 Product details

GENERAL DESCRIPTION
The DS89C420 offers the highest performance available in 8051-compatible microcontrollers. It features a redesigned processor core that executes every 8051 instruction (depending on the instruction type) up to 12 times faster than the original for the same crystal speed. Typical applications see a speed improvement of 10 times using the same code and crystal. The DS89C420 offers a maximum crystal speed of 33MHz, achieving execution rates up to 33 million instructions per second (MIPS).

FEATURES
■ 80C52 Compatible
    - 8051 Pin and Instruction-Set Compatible
    - Four Bidirectional I/O Ports
    - Three 16-Bit Timer Counters
    - 256 Bytes Scratchpad RAM
■ On-Chip Memory
    - 16kB Flash Memory
    - In-System Programmable through Serial Port
    - 1kB SRAM for MOVX
■ ROMSIZE Feature
    - Selects Internal Program Memory Size from 0 to 16k
    - Allows Access to Entire External Memory Map
    - Dynamically Adjustable By Software
■ 80C52 compatible
    - 8051 pin and instruction-set compatible
    - Four bidirectional I/O ports
    - Three 16-bit timer counters
    - 256 bytes scratchpad RAM
■ On-chip memory
    - 16kB flash memory
    - In-system programmable through serial port
    - 1kB SRAM for MOVX
■ ROMSIZE feature
    - Selects internal program memory size from 0 to 16k
    - Allows access to entire external memory map
    - Dynamically adjustable by software
■ High-speed architecture
    - 1 clock-per-machine cycle
    - DC to 33MHz operation
    - Single-cycle instruction in 30ns
    - Optional variable length MOVX to access fast/slow peripherals
    - Dual data pointers with auto increment/decrement and toggle select
    - Supports four paged modes
■ Power Management Mode
    - Programmable clock divider
    - Automatic hardware and software exit
■ Two full-duplex serial ports
■ Programmable watchdog timer
■ 13 interrupt sources (six external)
■ Five levels of interrupt priority
■ Power-fail reset
■ Early warning power-fail interrupt

APPLICATIONS
    Data Logging
    Vending
    Automotive Test Equipment
    Motor Control
    Magstripe Reader/Scanner
    Consumer Electronics
    Gaming Equipment
    Appliances (Washers, Microwaves, etc.)
    Telephones
    HVAC
    Building Security and Door Access Control
    Building Energy Control and Management
    Uninterruptible Power Supplies
    Programmable Logic Controllers
    Industrial Control and Automation




Similar Part No. - DS89C420

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420 Datasheet
485Kb / 47P
Ultra-High-Speed Microcontroller
REV: 081805
DS89C420 MAXIM-DS89C420 Datasheet
669Kb / 58P
Ultra-High-Speed Microcontroller
051302
DS89C420-ECL MAXIM-DS89C420-ECL Datasheet
485Kb / 47P
Ultra-High-Speed Microcontroller
REV: 081805
DS89C420-ECL MAXIM-DS89C420-ECL Datasheet
669Kb / 58P
Ultra-High-Speed Microcontroller
051302
DS89C420-ECL MAXIM-DS89C420-ECL Datasheet
6Mb / 139P
Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
More results


Similar Description - DS89C420

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
High-Speed Secure Microcontroller
DS5250-DS5250F DALLAS-DS5250-DS5250F Datasheet
123Kb / 3P
High-Speed Secure Microcontroller
logo
List of Unclassifed Man...
KL5C80A12 ETC-KL5C80A12 Datasheet
252Kb / 1P
Z80 COMPATIBLE HIGH SPEED MICROCONTROLLER
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_05 Datasheet
485Kb / 47P
Ultra-High-Speed Microcontroller
REV: 081805
DS89C420 MAXIM-DS89C420_02 Datasheet
669Kb / 58P
Ultra-High-Speed Microcontroller
051302
DS89C420-QCL MAXIM-DS89C420-QCL Datasheet
6Mb / 139P
Ultra-High-Speed Flash Microcontroller User?셲 Guide
2004
logo
Dallas Semiconductor
DS80C320-MCG DALLAS-DS80C320-MCG Datasheet
1Mb / 175P
High-Speed Microcontroller User Guide
DS80C310 DALLAS-DS80C310_09 Datasheet
382Kb / 22P
High-Speed Microcontroller
DS5250 DALLAS-DS5250_04 Datasheet
123Kb / 3P
High-Speed Secure Microcontroller
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
High-Speed Microcontroller
19-4859 ; Rev 8/09
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com