Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9097U Datasheet (PDF) - Dallas Semiconductor

DS9097U Datasheet PDF - Dallas Semiconductor
Part # DS9097U
Download  DS9097U Download
File Size   26.37 Kbytes
Page   2 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Universal 1-Wire COM Port Adapter

DS9097U Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9097U Datasheet PDF - Dallas Semiconductor

Part # DS9097U
Download  DS9097U Click to download

File Size   26.37 Kbytes
Page   2 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Universal 1-Wire COM Port Adapter

DS9097U Datasheet (HTML) - Dallas Semiconductor


DS9097U Product details

DESCRIPTION
The DS9097U is a sophisticated RS232 to 1-Wire Adapter, which performs RS232 level conversion and actively generates the 1-Wire communication signals. Together with an adequate TMEX software driver it enables an IBM-compatible PC to directly communicate with any 1-Wire device connected to the adapters RJ-11 port. The DB-9 version reads and writes any non-EPROM 1-Wire device. To write to EPROM devices the DB-25 version with external power supply is required.

FEATURES
• True-ground interface to an RS232 COM Port for reading and writing 1-Wire devices
• Works with bipolar as well as unipolar logic signals
• Compatible to COM ports of (±)5V to (±)12V (DB-9 version only) or (±)6V to (±)12V (DB-25 version)
• Supports reading and writing at regular and Overdrive speeds
• Provides strong pull-up to 5V for Tempera ture-, Crypto- and EEPROM 1-Wire devices
• Programs 1-Wire EPROM devices (DB-25 version with external 12V power supply only)
• Communicates at data rates of 9.6 (default), 19.2, 57.6 and 115.2 kbits/s
• Standard DB-9 or DB-25 female connector and 6-lead RJ-11 connector for easy attach ment of standard 1-Wire cables and probes
• Includes DS2502 identification chip (DS9097U-009 only)




Similar Part No. - DS9097U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9097U MAXIM-DS9097U Datasheet
65Kb / 3P
Universal 1-Wire COM Port Adapter Provides Strong Pullup to 5V for Temperature
Rev 6/11
DS9097U MAXIM-DS9097U Datasheet
56Kb / 2P
based iButtons branded with their respective character for optimum legibility
Rev 8/09
DS9097U MAXIM-DS9097U Datasheet
266Kb / 3P
1-Wire Network Cables
2/15
DS9097U-009 MAXIM-DS9097U-009 Datasheet
65Kb / 3P
Universal 1-Wire COM Port Adapter Provides Strong Pullup to 5V for Temperature
Rev 6/11
DS9097U-E25 MAXIM-DS9097U-E25 Datasheet
65Kb / 3P
Universal 1-Wire COM Port Adapter Provides Strong Pullup to 5V for Temperature
Rev 6/11
More results


Similar Description - DS9097U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9097E DALLAS-DS9097E Datasheet
75Kb / 2P
COM Port Adapter
logo
Maxim Integrated Produc...
USBTO232 MAXIM-USBTO232 Datasheet
266Kb / 31P
USB-to-COM Port Adapter Board User Guide
Rev 0; 11/06
logo
Phihong USA Inc.
PSAA60M-120 PHIHONG-PSAA60M-120 Datasheet
153Kb / 2P
60 Watt Universal 3-Wire Input Adapter
PSAA60W-120 PHIHONG-PSAA60W-120 Datasheet
118Kb / 2P
60 Watt Universal 2-Wire Input Adapter
PSC18U-480 PHIHONG-PSC18U-480 Datasheet
135Kb / 2P
18 Watt Universal 3-Wire Input Adapter
logo
Maxim Integrated Produc...
DS9097U MAXIM-DS9097U_11 Datasheet
65Kb / 3P
Universal 1-Wire COM Port Adapter Provides Strong Pullup to 5V for Temperature
Rev 6/11
logo
Phihong USA Inc.
PSC30U-120V PHIHONG-PSC30U-120V_14 Datasheet
93Kb / 2P
30 Watt Universal 3-Wire Input Adapter
PSAC60M-120 PHIHONG-PSAC60M-120_14 Datasheet
124Kb / 2P
60 Watt Universal 3-Wire Input Adapter
PSAC60W-120 PHIHONG-PSAC60W-120_14 Datasheet
114Kb / 2P
60 Watt Universal 2-Wire Input Adapter
logo
Maxim Integrated Produc...
DS9097 MAXIM-DS9097 Datasheet
183Kb / 3P
COM Port Adapter
8/09
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com