Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1-120-R Datasheet (PDF) - Cooper Bussmann, Inc.

LD1-120-R Datasheet PDF - Cooper Bussmann, Inc.
Part # LD1-120-R
Download  LD1-120-R Download
File Size   166.45 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Metalized Drum Core Power Inductor

LD1-120-R Datasheet (PDF)

Go To PDF Page Download Datasheet
LD1-120-R Datasheet PDF - Cooper Bussmann, Inc.

Part # LD1-120-R
Download  LD1-120-R Click to download

File Size   166.45 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Metalized Drum Core Power Inductor

LD1-120-R Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - LD1-120-R

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
LD10 GULFSEMI-LD10 Datasheet
202Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
AVX Corporation
LD10 AVX-LD10 Datasheet
52Kb / 2P
High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
PANDUIT CORP.
LD10 PANDUIT-LD10 Datasheet
683Kb / 3P
Pan-Way® LD Surface Raceway System
4/2022
logo
MORNSUN Science& Techno...
LD10-20B03 MORNSUN-LD10-20B03 Datasheet
473Kb / 4P
LD10 series ----is a compact size power converter offered by Mornsun.
LD10-20B03 MORNSUN-LD10-20B03 Datasheet
2Mb / 6P
10W, AC/DC converter
More results


Similar Description - LD1-120-R

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CBP1252 FILTRAN-CBP1252 Datasheet
50Kb / 1P
Chokes Drum Core Inductor
CBP1253 FILTRAN-CBP1253 Datasheet
50Kb / 1P
Chokes Drum Core Inductor
logo
Abracon Corporation
AIUR-02H_SERIES ABRACON-AIUR-02H_SERIES Datasheet
1Mb / 2P
Mini Drum Core Inductor
08.04.14
AIUR-03_SERIES ABRACON-AIUR-03_SERIES Datasheet
1Mb / 2P
Mini Drum Core Inductor
04.24.13
logo
Pulse A Technitrol Comp...
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
Unshielded Drum Core Inductor
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
Shielded Drum Core Inductor
logo
Eaton All Rights Reserv...
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
Shielded metalized drum core power inductors
SD3112 EATON-SD3112 Datasheet
868Kb / 4P
Low profile metalized shielded drum core power inductors
SD10-R47-R EATON-SD10-R47-R Datasheet
746Kb / 9P
Low profile metalized shielded drum core power inductors
logo
Pulse A Technitrol Comp...
PA4320 PULSE-PA4320 Datasheet
416Kb / 4P
Shielded Drum Core Inductor
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com