Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2101EIBZ Datasheet (PDF) - Intersil Corporation

HIP2101EIBZ Datasheet PDF - Intersil Corporation
Part # HIP2101EIBZ
Download  HIP2101EIBZ Download
File Size   419.18 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver

HIP2101EIBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP2101EIBZ Datasheet PDF - Intersil Corporation

Part # HIP2101EIBZ
Download  HIP2101EIBZ Click to download

File Size   419.18 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver

HIP2101EIBZ Datasheet (HTML) - Intersil Corporation


HIP2101EIBZ Product details

The HIP2101 is a high frequency, 100V Half Bridge
N-Channel power MOSFET driver IC. It is equivalent to the
HIP2100 with the added advantage of full TTL/CMOS
compatible logic input pins. The low-side and high-side gate
drivers are independently controlled and matched to 13ns.
This gives users total control over dead-time for specific
power circuit topologies. Undervoltage protection on both
the low-side and high-side supplies force the outputs low. An
on-chip diode eliminates the discrete diode required with
other driver ICs. A new level-shifter topology yields the lowpower benefits of pulsed operation with the safety of DC
operation. Unlike some competitors, the high-side output
returns to its correct state after a momentary undervoltage of
the high-side supply.

Features
• Drives N-Channel MOSFET Half Bridge
• SOIC, EPSOIC, QFN and DFN Package Options
• SOIC, EPSOIC and DFN Packages Compliant with 100V
Conductor Spacing Guidelines of IPC-2221
• Pb-free Product Available (RoHS Compliant)
• Bootstrap Supply Max Voltage to 114VDC
• On-Chip 1Ω Bootstrap Diode
• Fast Propagation Times for Multi-MHz Circuits
• Drives 1000pF Load with Rise and Fall Times Typ. 10ns
• TTL/CMOS Input Thresholds Increase Flexibility
• Independent Inputs for Non-Half Bridge Topologies
• No Start-Up Problems
• Outputs Unaffected by Supply Glitches, HS Ringing Below
Ground, or HS Slewing at High dv/dt
• Low Power Consumption
• Wide Supply Range
• Supply Undervoltage Protection
• 3Ω Output Driver Resistance
• QFN/DFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile

Applications
• Telecom Half Bridge Power Supplies
• Avionics DC-DC Converters
• Two-Switch Forward Converters
• Active Clamp Forward Converters




Similar Part No. - HIP2101EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2101EIBZ INTERSIL-HIP2101EIBZ Datasheet
413Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2101EIBZ INTERSIL-HIP2101EIBZ Datasheet
410Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2101EIBZ RENESAS-HIP2101EIBZ Datasheet
673Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101EIBZ RENESAS-HIP2101EIBZ Datasheet
700Kb / 15P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
Aug 8, 2019
logo
Intersil Corporation
HIP2101EIBZ-T INTERSIL-HIP2101EIBZ-T Datasheet
413Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
More results


Similar Description - HIP2101EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2106 INTERSIL-HIP2106 Datasheet
66Kb / 8P
100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
August 1999
HIP2101 INTERSIL-HIP2101 Datasheet
413Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100 INTERSIL-HIP2100_04 Datasheet
348Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IBT INTERSIL-HIP2100IBT Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
HIP2101IB INTERSIL-HIP2101IB Datasheet
410Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2100 RENESAS-HIP2100 Datasheet
670Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com