Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71AY23402 Datasheet (PDF) - Grayhill, Inc

71AY23402 Datasheet PDF - Grayhill, Inc
Part # 71AY23402
Download  71AY23402 Download
File Size   74.4 Kbytes
Page   1 Pages
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc
Description 25,000 Cycles at 125 mA

71AY23402 Datasheet (PDF)

Go To PDF Page Download Datasheet
71AY23402 Datasheet PDF - Grayhill, Inc

Part # 71AY23402
Download  71AY23402 Click to download

File Size   74.4 Kbytes
Page   1 Pages
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc
Description 25,000 Cycles at 125 mA

71AY23402 Datasheet (HTML) - Grayhill, Inc




Similar Part No. - 71AY23402

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
71A30-02-1-12N-C GRAYHILL-71A30-02-1-12N-C Datasheet
363Kb / 14P
Performance and Value Leader
71A30-02-1-12S-C GRAYHILL-71A30-02-1-12S-C Datasheet
363Kb / 14P
Performance and Value Leader
71ADF36-02-2-AJN GRAYHILL-71ADF36-02-2-AJN Datasheet
363Kb / 14P
Multi-Deck Rotary Switches
More results


Similar Description - 71AY23402

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9186A KEYSIGHT-M9186A Datasheet
453Kb / 8P
16-bit, 16 V at 200 mA 100 V at 20 mA
logo
List of Unclassifed Man...
9605R1.7KL2.0 ETC2-9605R1.7KL2.0 Datasheet
203Kb / 1P
1,000,000 Full Cycles; 5,000,000 Dither Cycles
logo
E-SWITCH
ST790000 E-SWITCH-ST790000 Datasheet
154Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790010 E-SWITCH-ST790010 Datasheet
149Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
T790005 E-SWITCH-T790005 Datasheet
237Kb / 1P
ELECTRIC LIFE: 20,000 CYCLES
XF0090P E-SWITCH-XF0090P Datasheet
198Kb / 1P
ELECTRICAL LIFE: 50,000 CYCLES
XF0215P E-SWITCH-XF0215P Datasheet
90Kb / 1P
ELECTRIC LIFE: 25,000 MAKE-OR-BREAK CYCLES AT FULL LOAD.
XF0237P E-SWITCH-XF0237P Datasheet
49Kb / 1P
ELECTRIC LIFE: 25,000 MAKE-OR-BREAK CYCLES AT FULL LOAD.
XF0257P E-SWITCH-XF0257P Datasheet
37Kb / 1P
ELECTRIC LIFE: 25,000 MAKE-OR-BREAK CYCLES AT FULL LOAD.
XF0272P E-SWITCH-XF0272P Datasheet
28Kb / 1P
ELECTRIC LIFE: 25,000 MAKE-OR-BREAK CYCLES AT FULL LOAD.
More results




About Grayhill, Inc


Grayhill, Inc. is a privately held company that designs and manufactures electronic components and systems, with a particular focus on human interface devices such as keypads, rotary switches, and optical encoders. The company was founded in 1943 and is headquartered in La Grange, Illinois, USA.

Grayhill's products are used in a wide range of industries, including aerospace, medical, automotive, and telecommunications. Some of the company's key products include touchscreens, joysticks, and pushbutton switches.

In addition to its manufacturing capabilities, Grayhill also offers design and engineering services to help customers develop custom solutions tailored to their specific needs. The company has a reputation for high-quality products and exceptional customer service, and has won numerous awards for its innovative designs and commitment to excellence.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com