Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS527-01 Datasheet (PDF) - Integrated Device Technology

ICS527-01 Datasheet PDF - Integrated Device Technology
Part # ICS527-01
Download  ICS527-01 Download
File Size   116.74 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER

ICS527-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS527-01 Datasheet PDF - Integrated Device Technology

Part # ICS527-01
Download  ICS527-01 Click to download

File Size   116.74 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER

ICS527-01 Datasheet (HTML) - Integrated Device Technology


ICS527-01 Product details

Description
The ICS527-01 Clock Slicer is the most flexible way to generate an output clock from an input clock with zero skew. The user can easily configure the device to produce nearly any output clock that is multiplied or divided from the input clock. The part supports non-integer multiplications and divisions. A SYNC pulse indicates when the rising clock edges are aligned with zero skew. Using Phase-Locked Loop (PLL) techniques, the device accepts an input clock up to 200 MHz and produces an output clock up to 160 MHz.

Features
• Packaged as 28-pin SSOP (150 mil body)
• Synchronizes fractional clocks rising edges
• Pin configurable multiplication/division ratio
• Slices frequency or period
• SYNC pulse output indicates aligned edges
• Input clock frequency of 600 kHz to 200 MHz
• Output clock frequencies up to 160 MHz
• Very low jitter
• Duty cycle of 45/55 up to 160 MHz
• Operating voltage of 3.3V
• Pin selectable drive strength
• Multiple outputs available when combined with fanout buffers
• Industrial temperature version available
• Pb (lead) free package




Similar Part No. - ICS527-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
More results


Similar Description - ICS527-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Circuit Syst...
ICS527-02 ICST-ICS527-02 Datasheet
162Kb / 8P
Clock Slicer User Configurable PECL Input Zero Delay Buffer
Revision 022806
ICS527-03 ICST-ICS527-03 Datasheet
166Kb / 8P
Clock Slicer User Configurable PECL Output Zero Delay Buffer
Revision 122804
ICS527-04 ICST-ICS527-04 Datasheet
170Kb / 9P
Clock Slicer User Configurable PECL input Zero Delay Buffer
Revision 122804
logo
Renesas Technology Corp
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
ICS527-02 RENESAS-ICS527-02 Datasheet
374Kb / 11P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com