Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

809-SL75.0M-15B Datasheet (PDF) - Oscilent Corporation

809-SL75.0M-15B Datasheet PDF - Oscilent Corporation
Part # 809-SL75.0M-15B
Download  809-SL75.0M-15B Download
File Size   124.52 Kbytes
Page   4 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 75.0 MHz IF SAW Filter 16.2 MHz Bandwidth

809-SL75.0M-15B Datasheet (PDF)

Go To PDF Page Download Datasheet
809-SL75.0M-15B Datasheet PDF - Oscilent Corporation

Part # 809-SL75.0M-15B
Download  809-SL75.0M-15B Click to download

File Size   124.52 Kbytes
Page   4 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 75.0 MHz IF SAW Filter 16.2 MHz Bandwidth

809-SL75.0M-15B Datasheet (HTML) - Oscilent Corporation




Similar Part No. - 809-SL75.0M-15B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL75.0M-15C OSCILENT-809-SL75.0M-15C Datasheet
184Kb / 6P
75.0 MHz IF SAW Filter 15.5 MHz Bandwidth
809-SL75.0M-15D OSCILENT-809-SL75.0M-15D Datasheet
223Kb / 6P
75.0 MHz IF SAW Filter 14.8 MHz Bandwidth
More results


Similar Description - 809-SL75.0M-15B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL75.0M-15C OSCILENT-809-SL75.0M-15C Datasheet
184Kb / 6P
75.0 MHz IF SAW Filter 15.5 MHz Bandwidth
809-SL75.0M-15D OSCILENT-809-SL75.0M-15D Datasheet
223Kb / 6P
75.0 MHz IF SAW Filter 14.8 MHz Bandwidth
813-SL75.0M-26B OSCILENT-813-SL75.0M-26B Datasheet
225Kb / 6P
75.0 MHz IF SAW Filter 26.40 MHz Bandwidth
821-IF75.0M-09A OSCILENT-821-IF75.0M-09A Datasheet
322Kb / 6P
75.0 MHz IF SAW Filter 9.82 MHz Bandwidth
821-IF75.0M-11A OSCILENT-821-IF75.0M-11A Datasheet
186Kb / 6P
75.0 MHz IF SAW Filter 11.65 MHz Bandwidth
821-IF75.0M-26B OSCILENT-821-IF75.0M-26B Datasheet
218Kb / 6P
75.0 MHz IF SAW Filter 26.16 MHz Bandwidth
logo
Transko Electronics, In...
TA07509CD1 TRANSKO-TA07509CD1 Datasheet
769Kb / 4P
75.0 MHz IF SAW Filter / 9.30 MHz Bandwidth
Revision 0: 04 Apr. 2012
TA07526BD1 TRANSKO-TA07526BD1 Datasheet
533Kb / 4P
75.0 MHz IF SAW Filter / 26.16 MHz Bandwidth
Revision 0: 11. Mar. 2009
TA07530BD1 TRANSKO-TA07530BD1 Datasheet
528Kb / 4P
75.0 MHz IF SAW Filter / 30.10 MHz Bandwidth
Revision 0: 10. Mar. 2009
TL07510BV TRANSKO-TL07510BV Datasheet
530Kb / 4P
75.0 MHz IF SAW Filter / 10.17 MHz Bandwidth
Revision 0: 26 Nov. 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com