Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS14302 Datasheet (PDF) - SIPAT Co,Ltd

LBS14302 Datasheet PDF - SIPAT Co,Ltd
Part # LBS14302
Download  LBS14302 Download
File Size   280.46 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 143.625MHz SAW Filter 0.5MHz Bandwidth

LBS14302 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBS14302 Datasheet PDF - SIPAT Co,Ltd

Part # LBS14302
Download  LBS14302 Click to download

File Size   280.46 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 143.625MHz SAW Filter 0.5MHz Bandwidth

LBS14302 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBS14302

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14302 SIPAT-LBS14302 Datasheet
274Kb / 3P
143.625MHz SAW Filter 0.5MHz Bandwidth
More results


Similar Description - LBS14302

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBS7002L SIPAT-LBS7002L Datasheet
141Kb / 4P
70MHz Low-loss SAW Filter 0.5MHz Bandwidth
LBS14302 SIPAT-LBS14302 Datasheet
274Kb / 3P
143.625MHz SAW Filter 0.5MHz Bandwidth
SP233 SIPAT-SP233_09 Datasheet
162Kb / 3P
233MHz SAW Filter 0.5MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0784A TAI-SAW-TB0784A Datasheet
402Kb / 7P
SAW Filter 425 MHz(BW=0.5MHz) SMD 5.0mmX7.0mm
TB0887A TAI-SAW-TB0887A Datasheet
345Kb / 6P
SAW Filter 55MHz 0.5MHz BW (SMD 13.3횞6.5 mm)
logo
SIPAT Co,Ltd
LBS7002L SIPAT-LBS7002L Datasheet
146Kb / 4P
70MHz Low-loss SAW Filter 0.5MHz Bandwidth
SP233 SIPAT-SP233 Datasheet
162Kb / 3P
233MHz SAW Filter 0.5MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1158A TAI-SAW-TB1158A Datasheet
357Kb / 7P
SAW Filter 423.1 MHz(BW=0.5MHz) SMD 5.0mmX7.0mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com