Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS15704 Datasheet (PDF) - SIPAT Co,Ltd

LBS15704 Datasheet PDF - SIPAT Co,Ltd
Part # LBS15704
Download  LBS15704 Download
File Size   287.95 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 157.4MHz SAW Filter 3.2MHz Bandwidth

LBS15704 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBS15704 Datasheet PDF - SIPAT Co,Ltd

Part # LBS15704
Download  LBS15704 Click to download

File Size   287.95 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 157.4MHz SAW Filter 3.2MHz Bandwidth

LBS15704 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBS15704

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS15701 SIPAT-LBS15701 Datasheet
49Kb / 1P
SAW Filter Electrical Characteristic
LBS15701 SIPAT-LBS15701 Datasheet
60Kb / 1P
SAW Filter Electrical Characteristic
More results


Similar Description - LBS15704

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
70MHz SAW Filter 25.58MHz Bandwidth
LBN15702 SIPAT-LBN15702 Datasheet
141Kb / 4P
157.4MHz IF SAW Filter 24MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0941A TAI-SAW-TB0941A Datasheet
412Kb / 6P
SAW Filter 70 MHz(BW=3.2MHz) DIP 35.0mmx12.8mm
logo
SIPAT Co,Ltd
LBN15702 SIPAT-LBN15702 Datasheet
146Kb / 4P
157.4MHz IF SAW Filter 24MHz Bandwidth
LBS140A76 SIPAT-LBS140A76 Datasheet
322Kb / 3P
140MHz SAW Filter 3.2MHz Bandwidth
LBS11409 SIPAT-LBS11409 Datasheet
288Kb / 3P
113.5MHz SAW Filter 3.2MHz Bandwidth
LBS17206 SIPAT-LBS17206 Datasheet
254Kb / 3P
172.4MHz SAW Filter 3.2MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com