Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2A01 Datasheet (PDF) - Diodes Incorporated

2A01 Datasheet PDF - Diodes Incorporated
Part # 2A01
Download  2A01 Download
File Size   57.76 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A RECTIFIER

2A01 Datasheet (PDF)

Go To PDF Page Download Datasheet
2A01 Datasheet PDF - Diodes Incorporated

Part # 2A01
Download  2A01 Click to download

File Size   57.76 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A RECTIFIER

2A01 Datasheet (HTML) - Diodes Incorporated


2A01 Product details

Features
• Diffused Junction
• High Current Capability and Low Forward Voltage Drop
• Surge Overload Rating to 70A Peak
• Lead Free Finish, RoHS Compliant (Note 3)




Similar Part No. - 2A01

ManufacturerPart #DatasheetDescription
logo
Surge Components
2A01 SURGE-2A01 Datasheet
123Kb / 2P
2.0 AMPS. SILICON RECTIFIERS???
logo
Diodes Incorporated
2A01 DIODES-2A01 Datasheet
62Kb / 3P
2.0A RECTIFIER
DS29008 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
2A01 TSC-2A01 Datasheet
63Kb / 2P
2.0 AMPS. Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
2A01 SEMTECH_ELEC-2A01 Datasheet
242Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIERS
logo
RFE international
2A01 RFE-2A01 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
More results


Similar Description - 2A01

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Diodes Incorporated
2A01 DIODES-2A01_1 Datasheet
62Kb / 3P
2.0A RECTIFIER
DS29008 Rev. 4 - 2
logo
Sanyo Semicon Device
SB2003M SANYO-SB2003M_10 Datasheet
147Kb / 3P
30V, 2.0A Rectifier
logo
Gaomi Xinghe Electronic...
RL201 GXELECTRONICS-RL201 Datasheet
312Kb / 2P
2.0A SILICON RECTIFIER
logo
Zibo Seno Electronic En...
SF21 ZSELEC-SF21 Datasheet
110Kb / 2P
2.0A SUPERFAST RECTIFIER
KBP201 ZSELEC-KBP201 Datasheet
338Kb / 2P
2.0A BRIDGE RECTIFIER
2W05 ZSELEC-2W05 Datasheet
163Kb / 2P
2.0A BRIDGE RECTIFIER
D2KB05 ZSELEC-D2KB05 Datasheet
117Kb / 2P
2.0A BRIDGE RECTIFIER
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
2.0A BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com