Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS16017 Datasheet (PDF) - SIPAT Co,Ltd

LBS16017 Datasheet PDF - SIPAT Co,Ltd
Part # LBS16017
Download  LBS16017 Download
File Size   283.31 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 160MHz High-Loss SAW Filter 4.3MHz Bandwidth

LBS16017 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBS16017 Datasheet PDF - SIPAT Co,Ltd

Part # LBS16017
Download  LBS16017 Click to download

File Size   283.31 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 160MHz High-Loss SAW Filter 4.3MHz Bandwidth

LBS16017 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBS16017

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS16017 SIPAT-LBS16017 Datasheet
277Kb / 3P
160MHz High-Loss SAW Filter 4.3MHz Bandwidth
More results


Similar Description - LBS16017

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16028 SIPAT-LBT16028 Datasheet
271Kb / 3P
160MHz SAW Filter 16.4MHz Bandwidth
LBN16003B SIPAT-LBN16003B Datasheet
137Kb / 3P
160MHz SAW Filter 19.4MHz Bandwidth
LBS16016 SIPAT-LBS16016 Datasheet
287Kb / 3P
160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16017 SIPAT-LBS16017 Datasheet
277Kb / 3P
160MHz High-Loss SAW Filter 4.3MHz Bandwidth
LBS16018 SIPAT-LBS16018 Datasheet
148Kb / 4P
160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16020 SIPAT-LBS16020 Datasheet
145Kb / 4P
160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16016 SIPAT-LBS16016 Datasheet
293Kb / 3P
160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16018 SIPAT-LBS16018 Datasheet
153Kb / 4P
160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBS16020 SIPAT-LBS16020 Datasheet
150Kb / 4P
160MHz High-Loss SAW Filter 2.5MHz Bandwidth
logo
Oscilent Corporation
813-SL160.0M-10 OSCILENT-813-SL160.0M-10_14 Datasheet
120Kb / 4P
Low-Loss 160MHz IF SAW Filter 9.5MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com