Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9625 Datasheet (PDF) - Analog Devices

AD9625 Datasheet PDF - Analog Devices
Part # AD9625
Download  AD9625 Download
File Size   1288.61 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter

AD9625 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9625 Datasheet PDF - Analog Devices

Part # AD9625
Download  AD9625 Click to download

File Size   1288.61 Kbytes
Page   56 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter

AD9625 Datasheet (HTML) - Analog Devices


AD9625 Product details

GENERAL DESCRIPTION

The AD9625 is a 12-bit monolithic sampling analog-to-digital converter (ADC) that operates at conversion rates of up to 2.0 giga samples per second (GSPS). This product is designed for sampling wide bandwidth analog signals up to the second Nyquist zone. The combination of wide input bandwidth, high sampling rate, and excellent linearity of the AD9625 is ideally suited for spectrum analyzers, data acquisition systems, and a wide assortment of military electronics applications, such as radar and jamming/antijamming measures.



FEATURES

12-bit 2.0 GSPS ADC, no missing codes

SFDR = 80 dBc, AIN up to 1 GHz at −1 dBFS, 2.0 GSPS

SFDR = 76 dBc, AIN up to 1.8 GHz at −1 dBFS, 2.0 GSPS

SNR = 59 dBFS, AIN up to 1 GHz at −1 dBFS, 2.0 GSPS

SNR = 58 dBFS, AIN up to 1.8 GHz at −1 dBFS, 2.0 GSPS

Noise floor = −149.5 dBFS/Hz at 2.0 GSPS

Power consumption: 3.5 W at 2.0 GSPS

Differential analog input: 1.1 V p-p

Differential clock input

High speed 6- or 8-lane JESD204B serial output Subclass 1: 5.0 Gbps at 2.0 GSPS

Two independent decimate by 8 or decimate by 16 filters  with 10-bit NCOs

Supply voltages: 1.3 V, 2.5 V

Serial port control

  Flexible digital output modes

  Built-in selectable digital test patterns




Similar Part No. - AD9625

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9625 AD-AD9625 Datasheet
3Mb / 74P
1.3 V/2.5 V Analog-to-Digital Converter
Rev. C
AD9625-2.0EBZ AD-AD9625-2.0EBZ Datasheet
3Mb / 74P
1.3 V/2.5 V Analog-to-Digital Converter
Rev. C
AD9625-2.5EBZ AD-AD9625-2.5EBZ Datasheet
3Mb / 74P
1.3 V/2.5 V Analog-to-Digital Converter
Rev. C
AD9625-2.6EB AD-AD9625-2.6EB Datasheet
3Mb / 74P
1.3 V/2.5 V Analog-to-Digital Converter
Rev. C
AD9625BBP-2.5 AD-AD9625BBP-2.5 Datasheet
3Mb / 74P
1.3 V/2.5 V Analog-to-Digital Converter
Rev. C
More results


Similar Description - AD9625

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9680 AD-AD9680 Datasheet
3Mb / 97P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
REV. C
AD9684 AD-AD9684 Datasheet
1Mb / 64P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9625 AD-AD9625_17 Datasheet
3Mb / 74P
1.3 V/2.5 V Analog-to-Digital Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com