Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1500 Datasheet (PDF) - NXP Semiconductors

LPC1500 Datasheet PDF - NXP Semiconductors
Part # LPC1500
Download  LPC1500 Download
File Size   1701.76 Kbytes
Page   99 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM

LPC1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC1500 Datasheet PDF - NXP Semiconductors

Part # LPC1500
Download  LPC1500 Click to download

File Size   1701.76 Kbytes
Page   99 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM

LPC1500 Datasheet (HTML) - NXP Semiconductors


LPC1500 Product details

General description
The LPC15xx are ARM Cortex-M3 based microcontrollers for embedded applications featuring a rich peripheral set with very low power consumption. The ARM Cortex-M3 is a next generation core that offers system enhancements such as enhanced debug features and a higher level of support block integration.
The LPC15xx operate at CPU frequencies of up to 72 MHz. The ARM Cortex-M3 CPU incorporates a 3-stage pipeline and uses a Harvard architecture with separate local instruction and data buses as well as a third bus for peripherals. The ARM Cortex-M3 CPU also includes an internal prefetch unit that supports speculative branching.
The LPC15xx includes up to 256 kB of flash memory, 32 kB of ROM, a 4 kB EEPROM, and up to 36 kB of SRAM. The peripheral complement includes one full-speed USB 2.0 device, two SPI interfaces, three USARTs, one Fast-mode Plus I2C-bus interface, one C_CAN module, PWM/timer subsystem with four configurable, multi-purpose State Configurable Timers (SCTimer/PWM) with input pre-processing unit, a Real-time clock module with independent power supply and a dedicated oscillator, two 12-channel/12-bit, 2 Msamples/s ADCs, one 12-bit, 500 kSamples/s DAC, four voltage comparators with internal voltage reference, and a temperature sensor. A DMA engine can service most peripherals.
For additional documentation related to the LPC15xx parts, see Section 17 “References”.

Features and benefits
■ System:
   ◆ ARM Cortex-M3 processor (version r2p1), running at frequencies of up to 72 MHz.
   ◆ ARM Cortex-M3 built-in Nested Vectored Interrupt Controller (NVIC).
   ◆ System tick timer.
   ◆ Serial Wire Debug (SWD) with four breakpoints and two watchpoints.
   ◆ Single-cycle multiplier supported.
   ◆ Memory Protection Unit (MPU) included.
■ Memory:
   ◆ Up to 256 kB on-chip flash programming memory with 256 Byte page write and erase.
   ◆ Up to 36 kB SRAM.
   ◆ 4 kB EEPROM.
■ ROM API support:
   ◆ Boot loader with boot options from flash or external source via USART, C_CAN, or USB
   ◆ USB drivers
   ◆ ADC drivers
   ◆ SPI drivers
   ◆ USART drivers
   ◆ I2C drivers
   ◆ Power profiles and power mode configuration with low-power mode configuration option
   ◆ DMA drivers
   ◆ C_CAN drivers
   ◆ Flash In-Application Programming (IAP) and In-System Programming (ISP).
■ Digital peripherals:
   ◆ Simple DMA engine with 18 channels and 20 programmable input triggers.
   ◆ High-speed GPIO interface with up to 76 General-Purpose I/O (GPIO) pins
      with configurable pull-up/pull-down resistors, open-drain mode,
      input inverter, and programmable digital glitch filter.
   ◆ GPIO interrupt generation capability with boolean pattern-matching
      feature on eight external inputs.
   ◆ Two GPIO grouped port interrupts.
   ◆ Switch matrix for flexible configuration of each I/O pin function.
   ◆ CRC engine.
   ◆ Quadrature Encoder Interface (QEI).
■ Configurable PWM/timer/motor control subsystem:
◆ Up to four 32-bit counter/timers or up to eight 16-bit counter/timers
   or combinations of 16-bit and 32-bit timers.
◆ Up to 28 match outputs and 22 configurable capture inputs with input multiplexer.
◆ Up to 28 PWM outputs total.
◆ Dither engine for improved average resolution of pulse edges.
◆ Four State Configurable Timers (SCTimers) for highly flexible,
   event-driven timing and PWM applications.
◆ SCT Input Pre-processor Unit (SCTIPU) for processing timer inputs
   and immediate handling of abort situations.
◆ Integrated with ADC threshold compare interrupts, temperature sensor,
   and analog comparator outputs for motor control feedback using analog signals.
■ Special-application and simple timers:
◆ 24-bit, four-channel, multi-rate timer (MRT) for repetitive interrupt
   generation at up to four programmable, fixed rates.
◆ Repetitive interrupt timer for general purpose use.
◆ Windowed Watchdog timer (WWDT).
◆ High-resolution 32-bit Real-time clock (RTC) with selectable 1 s or 1 ms time
   resolution running in the always-on power domain. RTC can be used for wake-up
   from all low power modes including Deep power-down. (Continue ...)

Applications
■ Motor control
■ Motion drives
■ Digital power supplies
■ Industrial and medical
■ Solar inverters
■ Home appliances
■ Building and factory automation




Similar Part No. - LPC1500

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
LPC150CTP VCC-LPC150CTP Datasheet
78Kb / 1P
VERTICAL CLIPLITE 4MM LITEPIPE
More results


Similar Description - LPC1500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
November 07, 2017
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
logo
NXP Semiconductors
LPC15XX NXP-LPC15XX Datasheet
1Mb / 107P
32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM; FS USB, CAN, RTC, SPI, USART, I2C
Rev. 1.1-29 April 2015
LPC11E6X NXP-LPC11E6X Datasheet
2Mb / 90P
32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; 12-bit ADC
Rev.1.5-12 August 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com