Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

809-SL115.3M-05A Datasheet (PDF) - Oscilent Corporation

809-SL115.3M-05A Datasheet PDF - Oscilent Corporation
Part # 809-SL115.3M-05A
Download  809-SL115.3M-05A Download
File Size   224.86 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 115.30 MHz IF SAW Filter 6.20 MHz Bandwidth

809-SL115.3M-05A Datasheet (PDF)

Go To PDF Page Download Datasheet
809-SL115.3M-05A Datasheet PDF - Oscilent Corporation

Part # 809-SL115.3M-05A
Download  809-SL115.3M-05A Click to download

File Size   224.86 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 115.30 MHz IF SAW Filter 6.20 MHz Bandwidth

809-SL115.3M-05A Datasheet (HTML) - Oscilent Corporation




Similar Part No. - 809-SL115.3M-05A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL116.6M-02A OSCILENT-809-SL116.6M-02A Datasheet
216Kb / 6P
116.60 MHz IF SAW Filter 3.40 MHz Bandwidth
More results


Similar Description - 809-SL115.3M-05A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0374BA02518S ICST-SF0374BA02518S Datasheet
125Kb / 3P
374 MHz IF SAW Filter 17 MHz Bandwidth
Rev X2
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
813-SL32.0M-03A OSCILENT-813-SL32.0M-03A Datasheet
119Kb / 4P
32.0 MHz IF SAW Filter 2.7 MHz Bandwidth
813-SL50.0M-20A OSCILENT-813-SL50.0M-20A Datasheet
219Kb / 6P
50.0 MHz IF SAW Filter 20.04 MHz Bandwidth
813-SL60.0M-10D OSCILENT-813-SL60.0M-10D Datasheet
217Kb / 6P
60.0 MHz IF SAW Filter 10.68 MHz Bandwidth
813-SL60.0M-20B OSCILENT-813-SL60.0M-20B Datasheet
213Kb / 6P
60.0 MHz IF SAW Filter 20.05 MHz Bandwidth
813-IF65.0M-29D OSCILENT-813-IF65.0M-29D Datasheet
183Kb / 6P
65.0 MHz IF SAW Filter 29.37 MHz Bandwidth
logo
Transko Electronics, In...
TL11505AT TRANSKO-TL11505AT Datasheet
593Kb / 4P
115.30 MHz IF SAW Filter / 6.20 MHz Bandwidth
Revision 0: 28 Apr. 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com