Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV16W Datasheet (PDF) - Diodes Incorporated

BAV16W Datasheet PDF - Diodes Incorporated
Part # BAV16W
Download  BAV16W Download
File Size   63.86 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT FAST SWITCHING DIODE

BAV16W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV16W Datasheet PDF - Diodes Incorporated

Part # BAV16W
Download  BAV16W Click to download

File Size   63.86 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT FAST SWITCHING DIODE

BAV16W Datasheet (HTML) - Diodes Incorporated


BAV16W Product details

Features
• Fast Switching Speed
• Low Forward Voltage: Maximum of 0.715V at 1mA
• Fast Reverse Recovery: Maximum of 4ns
• Low Capacitance: Maximum of 2pF
• Surface Mount Package Ideally Suited for Automated Insertion
• For General Purpose Switching Applications
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - BAV16W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16W PANJIT-BAV16W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
BAV16W WTE-BAV16W Datasheet
41Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Formosa MS
BAV16W FORMOSA-BAV16W Datasheet
116Kb / 2P
SOD-123 Plastic-Encapsulate Dio des
logo
Diodes Incorporated
BAV16W DIODES-BAV16W Datasheet
88Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 17 - 2
logo
Won-Top Electronics
BAV16W WTE-BAV16W Datasheet
46Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Similar Description - BAV16W

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com