Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS24602 Datasheet (PDF) - SIPAT Co,Ltd

LBS24602 Datasheet PDF - SIPAT Co,Ltd
Part # LBS24602
Download  LBS24602 Download
File Size   146.88 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 246MHz SAW Filter 0.1MHz Bandwidth

LBS24602 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBS24602 Datasheet PDF - SIPAT Co,Ltd

Part # LBS24602
Download  LBS24602 Click to download

File Size   146.88 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 246MHz SAW Filter 0.1MHz Bandwidth

LBS24602 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBS24602

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS24602 SIPAT-LBS24602 Datasheet
146Kb / 3P
246MHz SAW Filter 0.1MHz Bandwidth
More results


Similar Description - LBS24602

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
70MHz SAW Filter 25.58MHz Bandwidth
LBS08036 SIPAT-LBS08036 Datasheet
145Kb / 3P
80MHz SAW Filter 0.1MHz Bandwidth
LBS24602 SIPAT-LBS24602 Datasheet
146Kb / 3P
246MHz SAW Filter 0.1MHz Bandwidth
LBS08036 SIPAT-LBS08036 Datasheet
145Kb / 3P
80MHz SAW Filter 0.1MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0266B TAI-SAW-TB0266B Datasheet
554Kb / 8P
SAW Filter 246MHz
TB0644A TAI-SAW-TB0644A Datasheet
192Kb / 7P
SAW Filter 70MHz 0.1MHz BW (SMD 13.3횞6.5 mm)
TB1307A TAI-SAW-TB1307A Datasheet
419Kb / 10P
SAW Filter 246MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com