Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT10201 Datasheet (PDF) - SIPAT Co,Ltd

LBT10201 Datasheet PDF - SIPAT Co,Ltd
Part # LBT10201
Download  LBT10201 Download
File Size   148.43 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 102MHz SAW Filter 9.2MHz Bandwidth

LBT10201 Datasheet (PDF)

Go To PDF Page Download Datasheet
LBT10201 Datasheet PDF - SIPAT Co,Ltd

Part # LBT10201
Download  LBT10201 Click to download

File Size   148.43 Kbytes
Page   3 Pages
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd
Description 102MHz SAW Filter 9.2MHz Bandwidth

LBT10201 Datasheet (HTML) - SIPAT Co,Ltd




Similar Part No. - LBT10201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT10201 SIPAT-LBT10201 Datasheet
148Kb / 3P
102MHz SAW Filter 9.2MHz Bandwidth
More results


Similar Description - LBT10201

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN16032 SIPAT-LBN16032 Datasheet
139Kb / 3P
160MHz SAW Filter 9.2MHz Bandwidth
LBN09509 SIPAT-LBN09509 Datasheet
320Kb / 3P
95MHz SAW Filter 9.2MHz Bandwidth
LBT08506 SIPAT-LBT08506 Datasheet
148Kb / 3P
84.5MHz SAW Filter 9.2MHz Bandwidth
LBT10201 SIPAT-LBT10201 Datasheet
148Kb / 3P
102MHz SAW Filter 9.2MHz Bandwidth
LBN16032 SIPAT-LBN16032 Datasheet
144Kb / 3P
160MHz SAW Filter 9.2MHz Bandwidth
LBT08506 SIPAT-LBT08506 Datasheet
148Kb / 3P
84.5MHz SAW Filter 9.2MHz Bandwidth
logo
Oscilent Corporation
813-IF160.0M-P OSCILENT-813-IF160.0M-P Datasheet
123Kb / 4P
160MHz IF SAW Filter 9.2MHz Bandwidth
logo
Integrated Technology F...
250917B ITF-250917B Datasheet
181Kb / 2P
Typical 1dB bandwidth of 9.2MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com