Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2085STR Datasheet (PDF) - International Rectifier

IR2085STR Datasheet PDF - International Rectifier
Part # IR2085STR
Download  IR2085STR Download
File Size   200.44 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER

IR2085STR Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2085STR Datasheet PDF - International Rectifier

Part # IR2085STR
Download  IR2085STR Click to download

File Size   200.44 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER

IR2085STR Datasheet (HTML) - International Rectifier


IR2085STR Product details

Description
The IR2085S is a self-oscillating half-bridge driver IC with 50% duty cycle ideally suited for 36V – 75V half bridge DC-bus converters.
This product is also suitable for push-pull converters without restriction on input voltage.
Each channel frequency is equal to fOSC, which can be set by selecting RT & CT, where fOSC = 1/(2*RT.CT).
Dead-time can be controlled through proper selection of CT and can range from 50ns to 200ns. Internal soft-start increases the pulse width during power up and maintains pulse width matching for the high and low outputs throughout the start up cycle. The IR2085S initiates a soft start at power up and after every overcurrent condition. Undervoltage lockout prevents operation if VCC is less than 7.5V.

Features
• Simple primary side control solution to enable half-bridge DC-Bus
   Converters for 48V distributed systems with reduced component
   count and board space
• Integrated 50% duty cycle oscillator & half-bridge driver
   IC in a single SO-8 package
• Programmable switching frequency with up to 500kHz max per channel
• +/- 1A drive current capability optimized for low charge MOSFETs
• Adjustable dead-time 50ns – 200ns
• Floating channel designed for bootstrap operation up to +100Vdc
• High and low side pulse width matching to +/- 25ns
• Adjustable overcurrent protection
• Undervoltage lockout and internal soft start
• Also available Leadfree




Similar Part No. - IR2085STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2085STRPBF IRF-IR2085STRPBF Datasheet
213Kb / 9P
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
More results


Similar Description - IR2085STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2085S IRF-IR2085S Datasheet
213Kb / 9P
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR2086S IRF-IR2086S Datasheet
152Kb / 8P
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
AUIR2085S IRF-AUIR2085S Datasheet
346Kb / 15P
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2086STRPBF IRF-IR2086STRPBF Datasheet
172Kb / 9P
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, FULL-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com