Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBPC15005 Datasheet (PDF) - Diodes Incorporated

GBPC15005 Datasheet PDF - Diodes Incorporated
Part # GBPC15005
Download  GBPC15005 Download
File Size   65.7 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15A GLASS PASSIVATED BRIDGE RECTIFIER

GBPC15005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC15005 Datasheet PDF - Diodes Incorporated

Part # GBPC15005
Download  GBPC15005 Click to download

File Size   65.7 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 15A GLASS PASSIVATED BRIDGE RECTIFIER

GBPC15005 Datasheet (HTML) - Diodes Incorporated


GBPC15005 Product details

Features
• Glass Passivated Die Construction
• Low Reverse Leakage Current
• Low Power Loss, High Efficiency
• Surge Overload Rating to 300A Peak
• Electrically Isolated Metal Base for Maximum Heat Dissipation
• Case to Terminal Isolation Voltage 1500V
• UL Listed Under Recognized Component Index, File Number E94661
• Lead Free Finish, RoHS Compliant (Date Code 0514+) (Note 4)




Similar Part No. - GBPC15005

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC15005 PANJIT-GBPC15005 Datasheet
39Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
logo
Surge Components
GBPC15005 SURGE-GBPC15005 Datasheet
130Kb / 2P
HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
GBPC15005 SSE-GBPC15005 Datasheet
25Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
GBPC15005 CHENYI-GBPC15005 Datasheet
157Kb / 2P
SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
GBPC15005 GE-GBPC15005 Datasheet
70Kb / 4P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - GBPC15005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
GBJ15005 DIODES-GBJ15005_1 Datasheet
82Kb / 3P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
TAITRON Components Inco...
GBPC15-005W TAITRON-GBPC15-005W Datasheet
138Kb / 4P
15A Glass Passivated Bridge Rectifier
logo
Shenzhen Luguang Electr...
GBJ15005 LUGUANG-GBJ15005 Datasheet
157Kb / 2P
15A Glass Passivated Bridge Rectifier
logo
Yea Shin Technology Co....
GBJ15005 YEASHIN-GBJ15005 Datasheet
328Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nanjing International G...
GBJ15005 DGNJDZ-GBJ15005 Datasheet
222Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D15XB05 ZSELEC-D15XB05 Datasheet
43Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15A ZSELEC-GBJ15A Datasheet
43Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
RS15005M ZSELEC-RS15005M Datasheet
87Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com