Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBPC25005 Datasheet (PDF) - Diodes Incorporated

GBPC25005 Datasheet PDF - Diodes Incorporated
Part # GBPC25005
Download  GBPC25005 Download
File Size   71.6 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25A GLASS PASSIVATED BRIDGE RECTIFIER

GBPC25005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC25005 Datasheet PDF - Diodes Incorporated

Part # GBPC25005
Download  GBPC25005 Click to download

File Size   71.6 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25A GLASS PASSIVATED BRIDGE RECTIFIER

GBPC25005 Datasheet (HTML) - Diodes Incorporated


GBPC25005 Product details

Features
● Glass Passivated Die Construction
● Diffused Junction
● Low Reverse Leakage Current
● Low Power Loss, High Efficiency
● Surge Overload Rating to 300A Peak
● Electrically Isolated Metal Base for Maximum
   Heat Dissipation
● Case to Terminal Isolation Voltage 1500V
● UL Listed Under Recognized Component
   Index, File Number E94661




Similar Part No. - GBPC25005

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC25005 PANJIT-GBPC25005 Datasheet
38Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
logo
Surge Components
GBPC25005 SURGE-GBPC25005 Datasheet
130Kb / 2P
HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
GBPC25005 SSE-GBPC25005 Datasheet
18Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
GBPC25005 CHENYI-GBPC25005 Datasheet
149Kb / 2P
SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
GBPC25005 GE-GBPC25005 Datasheet
70Kb / 4P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - GBPC25005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ25005 DIODES-GBJ25005 Datasheet
54Kb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
GBPC25005 DIODES-GBPC25005_1 Datasheet
370Kb / 3P
25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. 9 - 2
GBJ25005 DIODES-GBJ25005_1 Datasheet
81Kb / 3P
25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. 7 - 2
logo
TAITRON Components Inco...
GBPC25-005W TAITRON-GBPC25-005W Datasheet
138Kb / 4P
25A Glass Passivated Bridge Rectifier
logo
Shanghai Shunye Electro...
RS2505M SHUNYE-RS2505M Datasheet
1Mb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25005 ZSELEC-GBJ25005 Datasheet
59Kb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
D25SB05 ZSELEC-D25SB05 Datasheet
98Kb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
D25SB60 LUGUANG-D25SB60 Datasheet
1Mb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
GBU2506L LUGUANG-GBU2506L Datasheet
1Mb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com