Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBPC35005 Datasheet (PDF) - Diodes Incorporated

GBPC35005 Datasheet PDF - Diodes Incorporated
Part # GBPC35005
Download  GBPC35005 Download
File Size   70.6 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 35A GLASS PASSIVATED BRIDGE RECTIFIER

GBPC35005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC35005 Datasheet PDF - Diodes Incorporated

Part # GBPC35005
Download  GBPC35005 Click to download

File Size   70.6 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 35A GLASS PASSIVATED BRIDGE RECTIFIER

GBPC35005 Datasheet (HTML) - Diodes Incorporated


GBPC35005 Product details

Features
• Glass Passivated Die Construction
• Low Reverse Leakage Current
• Low Power Loss, High Efficiency
• Surge Overload Rating to 400A Peak
• Metal Base for Maximum Heat Dissipation
• Case to Terminal Isolation Voltage 1500V
• UL Listed Under Recognized Component Index, File Number E94661
• Lead Free Finish, RoHS Compliant (Note 4)




Similar Part No. - GBPC35005

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC35005 PANJIT-GBPC35005 Datasheet
38Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
logo
Surge Components
GBPC35005 SURGE-GBPC35005 Datasheet
130Kb / 2P
HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
GBPC35005 GE-GBPC35005 Datasheet
70Kb / 4P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC35005 DIODES-GBPC35005 Datasheet
376Kb / 3P
35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. 10 - 2
More results


Similar Description - GBPC35005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBPC35005 DIODES-GBPC35005_1 Datasheet
376Kb / 3P
35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. 10 - 2
logo
TAITRON Components Inco...
GBPC35-005 TAITRON-GBPC35-005 Datasheet
152Kb / 4P
35A Glass Passivated Bridge Rectifier
GBPC35-005W TAITRON-GBPC35-005W Datasheet
144Kb / 4P
35A Glass Passivated Bridge Rectifier
logo
Nell Semiconductor Co.,...
MTP35W NELLSEMI-MTP35W Datasheet
396Kb / 3P
Glass Passivated Triple-Phase Bridge Rectifier, 35A
logo
Diodes Incorporated
GBJ3510 DIODES-GBJ3510 Datasheet
175Kb / 4P
35A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
DONGGUAN YOU FENG WEI E...
GBJ3501G YFWDIODE-GBJ3501G Datasheet
768Kb / 3P
35A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
logo
Zibo Seno Electronic En...
GBJ35005 ZSELEC-GBJ35005 Datasheet
157Kb / 2P
35A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ35005 ZSELEC-KBJ35005 Datasheet
157Kb / 2P
35A GLASS PASSIVATED BRIDGE RECTIFIER
RS35005M ZSELEC-RS35005M Datasheet
154Kb / 2P
35A GLASS PASSIVATED BRIDGE RECTIFIER
RS3501M ZSELEC-RS3501M Datasheet
154Kb / 2P
35A GLASS PASSIVATED BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com