Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK302DG-TL Datasheet (PDF) - Power Integrations, Inc.

LNK302DG-TL Datasheet PDF - Power Integrations, Inc.
Part # LNK302DG-TL
Download  LNK302DG-TL Download
File Size   993.72 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Lowest Component Count, Energy-Efficient Off-Line Switcher IC

LNK302DG-TL Datasheet (PDF)

Go To PDF Page Download Datasheet
LNK302DG-TL Datasheet PDF - Power Integrations, Inc.

Part # LNK302DG-TL
Download  LNK302DG-TL Click to download

File Size   993.72 Kbytes
Page   18 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Lowest Component Count, Energy-Efficient Off-Line Switcher IC

LNK302DG-TL Datasheet (HTML) - Power Integrations, Inc.


LNK302DG-TL Product details

Description
LinkSwitch-TN is specifically designed to replace all linear and capacitor-fed (cap dropper) non-isolated power supplies in the under 360 mA output current range at equal system cost while offering much higher performance and energy efficiency.
LinkSwitch-TN devices integrate a 700 V power MOSFET, oscillator, simple On/Off control scheme, a high voltage switched current source, frequency jittering, cycle-by-cycle current limit and thermal shutdown circuitry onto a monolithic IC. The start up and operating power are derived directly from the voltage on the DRAIN pin, eliminating the need for a bias supply and associated circuitry in buck or flyback converters. The fully integrated auto-restart circuit in the LNK304-306 safely limits output power during fault conditions such as short-circuit or open loop, reducing component count and system-level load protection cost. A local supply provided by the IC allows use of a non-safety graded optocoupler acting as a level shifter to further enhance line and load regulation performance in buck and buck-boost converters, if required.

Product Highlights
Cost Effective Linear/Cap Dropper Replacement
• Lowest cost and component count buck converter solution
• Fully integrated auto-restart for short-circuit and open loop fault protection – saves external component costs
• LNK302 uses a simplified controller without auto-restart for very low system cost
• 66 kHz operation with accurate current limit – allows low cost off-the-shelf 1 mH inductor for up to 120 mA output current
• Tight tolerances and negligible temperature variation
• High breakdown voltage of 700 V provides excellent input surge withstand
• Frequency jittering dramatically reduces EMI (~10 dB)
   – minimizes EMI filter cost
• High thermal shutdown temperature (+135 °C minimum)

Much Higher Performance over Discrete Buck and Passive Solutions
• Supports buck, buck-boost and flyback topologies
• System level thermal overload, output short-circuit and open control loop protection
• Excellent line and load regulation even with typical configuration
• High bandwidth provides fast turn-on with no overshoot
• Current limit operation rejects line ripple
• Universal input voltage range (85 VAC to 265 VAC)
• Built-in current limit and hysteretic thermal protection
• Higher efficiency than passive solutions
• Higher power factor than capacitor-fed solutions
• Entirely manufacturable in SMD

EcoSmart®– Extremely Energy Efficient
• Consumes typically only 50/80 mW in self-powered buck topology at 115/230 VAC input with no load (opto feedback)
• Consumes typically only 7/12 mW in flyback topology with external bias at 115/230 VAC input with no load
• Meets California Energy Commission (CEC), Energy Star, and EU requirements

Applications
• Appliances and timers
• LED drivers and industrial controls




Similar Part No. - LNK302DG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302DG-TL POWERINT-LNK302DG-TL Datasheet
1Mb / 19P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results


Similar Description - LNK302DG-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
Lowest Component Count, Energy Efficient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com