Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1501G Datasheet (PDF) - Diodes Incorporated

LT1501G Datasheet PDF - Diodes Incorporated
Part # LT1501G
Download  LT1501G Download
File Size   55.28 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A GLASS PASSIVATED RECTIFIER

LT1501G Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1501G Datasheet PDF - Diodes Incorporated

Part # LT1501G
Download  LT1501G Click to download

File Size   55.28 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A GLASS PASSIVATED RECTIFIER

LT1501G Datasheet (HTML) - Diodes Incorporated


LT1501G Product details

Features

Glass Passivated Die Construction

Diffused Junction

High Current Capability and Low Forward Voltage Drop

Surge Overload Rating to 50A Peak

Low Reverse Leakage Current

Plastic Material - UL Flammability Classification 94V-0




Similar Part No. - LT1501G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1501 LINER-LT1501 Datasheet
190Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
LT1501 LINER-LT1501 Datasheet
374Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
LT1501CS8 LINER-LT1501CS8 Datasheet
190Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
LT1501CS8-3.3 LINER-LT1501CS8-3.3 Datasheet
190Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
LT1501CS8-5 LINER-LT1501CS8-5 Datasheet
190Kb / 16P
Adaptive-Frequency Current Mode Switching Regulators
More results


Similar Description - LT1501G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5391G DIODES-1N5391G Datasheet
59Kb / 2P
1.5A GLASS PASSIVATED RECTIFIER
DS30194 Rev. A-2
W005G DIODES-W005G Datasheet
52Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. F-2
W005G DIODES-W005G_1 Datasheet
355Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21202 Rev. 12 - 2
1N5391G DIODES-1N5391G_1 Datasheet
72Kb / 3P
1.5A GLASS PASSIVATED RECTIFIER
DS30194 Rev. 3 - 2
logo
TAITRON Components Inco...
W005G TAITRON-W005G Datasheet
204Kb / 5P
1.5A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
KBP005G DIODES-KBP005G_15 Datasheet
92Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
DBF1505 ZSELEC-DBF1505 Datasheet
162Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
PG151 ZSELEC-PG151 Datasheet
132Kb / 2P
1.5A GLASS PASSIVATED RECTIFIER
PG5391 ZSELEC-PG5391 Datasheet
132Kb / 2P
1.5A GLASS PASSIVATED RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB152 YFWDIODE-DB152 Datasheet
436Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com