Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6A05 Datasheet (PDF) - Diodes Incorporated

6A05 Datasheet PDF - Diodes Incorporated
Part # 6A05
Download  6A05 Download
File Size   52.01 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6.0A RECTIFIER

6A05 Datasheet (PDF)

Go To PDF Page Download Datasheet
6A05 Datasheet PDF - Diodes Incorporated

Part # 6A05
Download  6A05 Click to download

File Size   52.01 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 6.0A RECTIFIER

6A05 Datasheet (HTML) - Diodes Incorporated


6A05 Product details

Features

• Diffused Junction

• High Current Capability and Low Forward Voltage Drop

• Surge Overload Rating to 400A Peak

• Low Reverse Leakage Current

• Plastic Material - UL Flammability Classification 94V-0



 




Similar Part No. - 6A05

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A05 SURGE-6A05 Datasheet
125Kb / 2P
6.0 AMPS. SILICON RECTIFIERS????
logo
Rectron Semiconductor
6A05 RECTRON-6A05 Datasheet
24Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
6A05 JGD-6A05 Datasheet
149Kb / 2P
6.0 AMP.SILICON RECTIFIERS
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Dc Components
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Similar Description - 6A05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC600 WTE-KBPC600 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
P600A WTE-P600A Datasheet
36Kb / 3P
6.0A SILICON RECTIFIER
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
logo
TAITRON Components Inco...
T6A05 TAITRON-T6A05 Datasheet
213Kb / 6P
6.0A Standard Rectifier
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com