Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR860 Datasheet (PDF) - Diodes Incorporated

MBR860 Datasheet PDF - Diodes Incorporated
Part # MBR860
Download  MBR860 Download
File Size   64.33 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8.0A SCHOTTKY BARRIER RECTIFIER

MBR860 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR860 Datasheet PDF - Diodes Incorporated

Part # MBR860
Download  MBR860 Click to download

File Size   64.33 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8.0A SCHOTTKY BARRIER RECTIFIER

MBR860 Datasheet (HTML) - Diodes Incorporated


MBR860 Product details

Features
● Schottky Barrier Chip
● Guard Ring Die Construction for
   Transient Protection
● Low Power Loss, High Efficiency
● High Surge Capability
● High Current Capability and Low Forward
   Voltage Drop
● For Use in Low Voltage, High Frequency
   Inverters, Free Wheeling, and Polarity
   Protection Application
● Plastic Material: UL Flammability
   Classification Rating 94V-0




Similar Part No. - MBR860

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MBR860 BILIN-MBR860 Datasheet
200Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MBR860 PANJIT-MBR860 Datasheet
84Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Rugao Dachang Electroni...
MBR860 DACHANG-MBR860 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 8.0 A
logo
Shenzhen Luguang Electr...
MBR860 LUGUANG-MBR860 Datasheet
234Kb / 2P
Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR860 KERSEMI-MBR860 Datasheet
429Kb / 2P
Schottky Barrier Chip
More results


Similar Description - MBR860

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB820 WTE-SB820 Datasheet
37Kb / 3P
8.0A SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F Datasheet
39Kb / 3P
8.0A ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR870L DIODES-MBR870L Datasheet
63Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
DS30029 Rev. B-4
SBL830 DIODES-SBL830_1 Datasheet
75Kb / 3P
8.0A SCHOTTKY BARRIER RECTIFIER
DS23044 Rev. 4 - 2
logo
Won-Top Electronics
SB820 WTE-SB820_06 Datasheet
50Kb / 4P
8.0A SCHOTTKY BARRIER RECTIFIER
SB820CT WTE-SB820CT Datasheet
50Kb / 4P
8.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F_06 Datasheet
50Kb / 4P
8.0A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR830 KERSEMI-MBR830 Datasheet
428Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
MBR835 KERSEMI-MBR835 Datasheet
428Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
MBR860 KERSEMI-MBR860 Datasheet
428Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com