Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF33 Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.

SMF33 Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.
Part # SMF33
Download  SMF33 Download
File Size   756.04 Kbytes
Page   4 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description Glass Passivated TVS

SMF33 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF33 Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMF33
Download  SMF33 Click to download

File Size   756.04 Kbytes
Page   4 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description Glass Passivated TVS

SMF33 Datasheet (HTML) - Guangdong Juxing Electronics Technology Co., Ltd.


SMF33 Product details

Features

● For surface mounted applications in order to optimize board space

● Low profile space

● Glass passivated chip

● Low inductance

● Excellent clamping capability

● Very fast response time

● Typical ID less than 1µA at VWM

● 200 W peak pulse power capability with a 10/1000 µs waveform

● Component in accordance to RoHS 2002/95/1 and WEEE 2002/96/EC



 




Similar Part No. - SMF33

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMF33 LITTELFUSE-SMF33 Datasheet
995Kb / 4P
SMF3.3 is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Microdiode Semiconducto...
SMF33(C)A CHENDA-SMF33(C)A Datasheet
579Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
GS Yuasa Battery Sales ...
SMF334 GSYUASABATTERY-SMF334 Datasheet
318Kb / 1P
Capacity (20-hour) 95Ah
SMF335 GSYUASABATTERY-SMF335 Datasheet
322Kb / 1P
Capacity (20-hour) 95Ah
logo
Vishay Siliconix
SMF33A VISHAY-SMF33A Datasheet
92Kb / 6P
Surface Mount ESD Protection Diodes
22-Sep-10
More results


Similar Description - SMF33

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
GLASS PASSIVATED GLASS PASSIVATED
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
GBU8A EIC-GBU8A Datasheet
168Kb / 2P
Glass Passivated
GBU8005 EIC-GBU8005 Datasheet
64Kb / 2P
Glass Passivated
logo
Shenzhen Luguang Electr...
15KPA17A LUGUANG-15KPA17A Datasheet
114Kb / 2P
Glass Passivated Junction TVS
20KPA20A LUGUANG-20KPA20A Datasheet
116Kb / 2P
Glass Passivated Junction TVS
30KPA28A LUGUANG-30KPA28A Datasheet
114Kb / 2P
Glass Passivated Junction TVS
logo
Shenzhen Taychipst Elec...
EGP15A TAYCHIPST-EGP15A Datasheet
2Mb / 2P
INTERED GLASS PASSIVATED INTERED GLASS PASSIVATED
logo
HY ELECTRONIC CORP.
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
GLASS PASSIVATED GLASS PASSIVATED
logo
Guangdong Juxing Electr...
1.5SMC6.8A JUXING-1.5SMC6.8A Datasheet
807Kb / 4P
Glass Passivated TVS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com