Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD3004 Datasheet (PDF) - Diodes Incorporated

MMBD3004 Datasheet PDF - Diodes Incorporated
Part # MMBD3004
Download  MMBD3004 Download
File Size   165.6 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE

MMBD3004 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD3004 Datasheet PDF - Diodes Incorporated

Part # MMBD3004
Download  MMBD3004 Click to download

File Size   165.6 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE

MMBD3004 Datasheet (HTML) - Diodes Incorporated


MMBD3004 Product details

Features
• Fast Switching Speed: Maximum of 50ns
• High Reverse Breakdown Voltage Rating: 350V
• Low Reverse Current: Maximum of 100nA when VR = 240V at Room Temperature
• Surface Mount Package Ideally Suited for Automated Insertion
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - MMBD3004

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBD3004 WEITRON-MMBD3004 Datasheet
346Kb / 3P
Surface Mount Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004 Datasheet
148Kb / 3P
350mW SMD Switching Diode
MMBD3004 TSC-MMBD3004 Datasheet
255Kb / 4P
350mW, SMD Switching Diode
logo
SEMTECH ELECTRONICS LTD...
MMBD3004 SEMTECH_ELEC-MMBD3004 Datasheet
285Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Shenzhen Luguang Electr...
MMBD3004 LUGUANG-MMBD3004 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Diodes SWITCHING DIODE
Revision:20170701-P1
More results


Similar Description - MMBD3004

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
Leshan Radio Company
LMBD3004SLT1G LRC-LMBD3004SLT1G Datasheet
348Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
MMBD3004A PANJIT-MMBD3004A Datasheet
128Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD3004A WILLAS-MMBD3004A Datasheet
306Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
MMBD3004C WILLAS-MMBD3004C Datasheet
343Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Leshan Radio Company
LBAV3004T1G LRC-LBAV3004T1G_15 Datasheet
225Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
LMBD3004ALT1G LRC-LMBD3004ALT1G_15 Datasheet
137Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Yea Shin Technology Co....
MMBD3004S YEASHIN-MMBD3004S Datasheet
193Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
logo
Shanghai Leiditech Elec...
LBAV3004T1G LEIDITECH-LBAV3004T1G Datasheet
561Kb / 4P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com