Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HCQW Datasheet (PDF) - Diodes Incorporated

MMBD4448HCQW Datasheet PDF - Diodes Incorporated
Part # MMBD4448HCQW
Download  MMBD4448HCQW Download
File Size   77.19 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT FAST SWITCHING DIODE ARRAY

MMBD4448HCQW Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBD4448HCQW Datasheet PDF - Diodes Incorporated

Part # MMBD4448HCQW
Download  MMBD4448HCQW Click to download

File Size   77.19 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT FAST SWITCHING DIODE ARRAY

MMBD4448HCQW Datasheet (HTML) - Diodes Incorporated


MMBD4448HCQW Product details

Features
• Fast Switching Speed
• Low Forward Voltage: Maximum of 0.72V at 5mA
• Low Reverse Current: Maximum of 100nA at 70V
• Fast Reverse Recovery: Maximum of 4ns
• Low Capacitance: Maximum of 3.5pF
• Small Surface Mount Package
• For General Purpose Switching Applications
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - MMBD4448HCQW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HCQW DIODES-MMBD4448HCQW Datasheet
440Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
MMBD4448HCQW DIODES-MMBD4448HCQW Datasheet
175Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev. 16 - 2 December 2007
logo
Micro Commercial Compon...
MMBD4448HCQW MCC-MMBD4448HCQW Datasheet
190Kb / 4P
200mW Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448HCQW LUGUANG-MMBD4448HCQW Datasheet
287Kb / 2P
Surface Mount Fast Switching Diodes
logo
Guangdong Kexin Industr...
MMBD4448HCQW KEXIN-MMBD4448HCQW Datasheet
967Kb / 3P
Switching Diodes
More results


Similar Description - MMBD4448HCQW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HTM DIODES-MMBD4448HTM Datasheet
65Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. A-2
MMBD4448HTM DIODES-MMBD4448HTM_1 Datasheet
336Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30302 Rev. 5 - 2
logo
Comchip Technology
CDSV6-4448C2 COMCHIP-CDSV6-4448C2 Datasheet
85Kb / 2P
Surface Mount FAST Switching Diode ARRAY
logo
Guangdong Kexin Industr...
MMBD4148TW KEXIN-MMBD4148TW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
MMBD4448HTW KEXIN-MMBD4448HTW Datasheet
42Kb / 2P
Surface Mount Fast Switching Diode Array
KAS19W KEXIN-KAS19W Datasheet
51Kb / 1P
Surface Mount Fast Switching Diode Array
KAS16TW KEXIN-KAS16TW Datasheet
44Kb / 1P
Surface Mount Fast Switching Diode Array
logo
Pan Jit International I...
MMBD4448W6 PANJIT-MMBD4448W6 Datasheet
240Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS16TWQ DIODES-BAS16TWQ Datasheet
206Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
Rev 2
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE ARRAY
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com