Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ6V8AL Datasheet (PDF) - Diodes Incorporated

MMBZ6V8AL Datasheet PDF - Diodes Incorporated
Part # MMBZ6V8AL
Download  MMBZ6V8AL Download
File Size   71.22 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS

MMBZ6V8AL Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ6V8AL Datasheet PDF - Diodes Incorporated

Part # MMBZ6V8AL
Download  MMBZ6V8AL Click to download

File Size   71.22 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS

MMBZ6V8AL Datasheet (HTML) - Diodes Incorporated


MMBZ6V8AL Product details

Features
• Dual TVS in Common Anode Configuration
• 24W/40W Peak Power Dissipation Rating @ 1.0ms(Unidirectional)
•225mW Power Dissipation
• Ideally Suited for Automated Insertion
• Low Leakage
• Totally Lead-Free & Fully RoHS Compliant
• Halogen and Antimony Free. “Green” Device
• Qualified to AEC-Q101 Standards for High Reliability

Mechanical Data
•Case: SOT23
• Case Material: Molded Plastic “Green” Molding Compound. UL Flammability Classification 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminals: Solderable per MIL-STD-202, Method 208
• Polarity: See Diagram
• Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe).
• ESD Rating Exceeding 16kV per the Human Body Model
• Weight: 0.008 grams (approximate)




Similar Part No. - MMBZ6V8AL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ6V8AL ONSEMI-MMBZ6V8AL Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
logo
Diodes Incorporated
MMBZ6V8AL DIODES-MMBZ6V8AL Datasheet
448Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 9 - 2
MMBZ6V8AL DIODES-MMBZ6V8AL Datasheet
108Kb / 5P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev. 13 - 2 February 2010
logo
Rohm
MMBZ6V8AL ROHM-MMBZ6V8AL Datasheet
1Mb / 10P
Transient Voltage suppressor
MMBZ6V8AL ROHM-MMBZ6V8AL Datasheet
1Mb / 10P
Transient Voltage suppressor
More results


Similar Description - MMBZ6V8AL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ15VDL DIODES-MMBZ15VDL Datasheet
73Kb / 3P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
MMBZ5V6AL DIODES-MMBZ5V6AL_1 Datasheet
448Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 9 - 2
MMBZ15VDL DIODES-MMBZ15VDL_1 Datasheet
381Kb / 4P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 9 - 2
MMBZ5V6AL DIODES-MMBZ5V6AL_10 Datasheet
108Kb / 5P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev. 13 - 2 February 2010
MMBZ15VDL DIODES-MMBZ15VDL_08 Datasheet
136Kb / 4P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 11 - 2
MMBZ15VAL-7-F DIODES-MMBZ15VAL-7-F Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
MMBZ27VAL-7-F DIODES-MMBZ27VAL-7-F Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
MMBZ5V6AL DIODES-MMBZ5V6AL_13 Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
MMBZ20VAL-7-F DIODES-MMBZ20VAL-7-F Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com