Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS20955 Datasheet (PDF) - International Rectifier

IRS20955 Datasheet PDF - International Rectifier
Part # IRS20955
Download  IRS20955 Download
File Size   1087.02 Kbytes
Page   44 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 120 W x 2 Channel Class D Audio Power Amplifier

IRS20955 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS20955 Datasheet PDF - International Rectifier

Part # IRS20955
Download  IRS20955 Click to download

File Size   1087.02 Kbytes
Page   44 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 120 W x 2 Channel Class D Audio Power Amplifier

IRS20955 Datasheet (HTML) - International Rectifier




Similar Part No. - IRS20955

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20955PBF IRF-IRS20955PBF Datasheet
543Kb / 21P
PROTECTED DIGITAL AUDIO DRIVER
IRS20955SPBF IRF-IRS20955SPBF Datasheet
543Kb / 21P
PROTECTED DIGITAL AUDIO DRIVER
More results


Similar Description - IRS20955

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
2 x 120 W class-D power amplifier
2003 Jul 28
logo
International Rectifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
120 W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
120W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
50W/2 x 2 Channel Class D Audio Power Amplifier
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com