Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR460 Datasheet (PDF) - Diodes Incorporated

MUR460 Datasheet PDF - Diodes Incorporated
Part # MUR460
Download  MUR460 Download
File Size   67.63 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40A SUPER-FAST RECTIFIER

MUR460 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR460 Datasheet PDF - Diodes Incorporated

Part # MUR460
Download  MUR460 Click to download

File Size   67.63 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40A SUPER-FAST RECTIFIER

MUR460 Datasheet (HTML) - Diodes Incorporated


MUR460 Product details

40A SUPER-FAST RECTIFIER



Features

Glass Passivated Die Construction

Super-Fast Recovery Time For High Efficiency

Low Forward Voltage Drop and High Current Capability

Surge Overload Rating to 70A Peak

Ideally Suited for Automated Assembly

Plastic Material: UL Flammability Classification Rating 94V-0




Similar Part No. - MUR460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR460 MOTOROLA-MUR460 Datasheet
100Kb / 6P
ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
logo
Jinan Gude Electronic D...
MUR460 JGD-MUR460 Datasheet
143Kb / 2P
4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Micro Commercial Compon...
MUR460 MCC-MUR460 Datasheet
91Kb / 2P
4 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
ON Semiconductor
MUR460 ONSEMI-MUR460 Datasheet
67Kb / 7P
SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
logo
Taiwan Semiconductor Co...
MUR460 TSC-MUR460 Datasheet
67Kb / 2P
4.0 AMPS. Ultrafast Glass Passivated Rectifiers
More results


Similar Description - MUR460

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR4040CT DIODES-SBR4040CT Datasheet
178Kb / 3P
40A SBR Super Barrier Rectifier
SBR4040 Rev. 2
SBR4045CT DIODES-SBR4045CT Datasheet
178Kb / 3P
40A SBR Super Barrier Rectifier
SBR4045 Rev. 2
SBR4060CT DIODES-SBR4060CT Datasheet
177Kb / 3P
40A SBR Super Barrier Rectifier
SBR4060 Rev. 2
SBR40100CT DIODES-SBR40100CT Datasheet
179Kb / 3P
40A SBR Super Barrier Rectifier
SBR40100 Rev. 2
SBR40U300CT DIODES-SBR40U300CT Datasheet
144Kb / 3P
40A SBR짰 Super Barrier Rectifier
SBR40U300CT Rev. 1 - 2
SBR40U120CT DIODES-SBR40U120CT Datasheet
91Kb / 4P
40A SBR SUPER BARRIER RECTIFIER
Rev 4
SBR40U200CT DIODES-SBR40U200CT Datasheet
106Kb / 5P
40A SBR SUPER BARRIER RECTIFIER
Rev erse
SBR40U300CTB DIODES-SBR40U300CTB Datasheet
86Kb / 5P
40A SBR SUPER BARRIER RECTIFIER
Rev 5
SBR40U200CTB DIODES-SBR40U200CTB Datasheet
93Kb / 4P
40A SBR짰 SUPER BARRIER RECTIFIER
Rev 6
logo
DONGGUAN YOU FENG WEI E...
GBJ4003SF YFWDIODE-GBJ4003SF Datasheet
720Kb / 3P
40A Super Fast Recovery Rectifier Bridge
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com