Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBPC1001 Datasheet (PDF) - Diodes Incorporated

PBPC1001 Datasheet PDF - Diodes Incorporated
Part # PBPC1001
Download  PBPC1001 Download
File Size   51.49 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10A BRIDGE RECTIFIER

PBPC1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBPC1001 Datasheet PDF - Diodes Incorporated

Part # PBPC1001
Download  PBPC1001 Click to download

File Size   51.49 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10A BRIDGE RECTIFIER

PBPC1001 Datasheet (HTML) - Diodes Incorporated


PBPC1001 Product details

Features

• High Current Capability

• Surge Overload Rating to 150A Peak

• High Case Dielectric Strength of 1500V

• Ideal for Printed Circuit Board Application

• UL Listed Under Recognized Component Index, File Number E94661



 




Similar Part No. - PBPC1001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBPC1001 DIODES-PBPC1001 Datasheet
333Kb / 3P
10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
PBPC1001 DIODES-PBPC1001_1 Datasheet
333Kb / 3P
10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
More results


Similar Description - PBPC1001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ10A WTE-KBJ10A Datasheet
51Kb / 3P
10A BRIDGE RECTIFIER
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
10A BRIDGE RECTIFIER
MP1000 WTE-MP1000 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
PB1000 WTE-PB1000 Datasheet
32Kb / 3P
10A BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
PBU1001 DIODES-PBU1001 Datasheet
70Kb / 2P
10A BRIDGE RECTIFIER
DS21309 Rev. F-3
PBPC1001 DIODES-PBPC1001_1 Datasheet
333Kb / 3P
10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
logo
Won-Top Electronics
KBPC10P WTE-KBPC10P Datasheet
55Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
PB1000S WTE-PB1000S Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
KBU1000 YIXIN-KBU1000 Datasheet
139Kb / 2P
10A BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com