Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBPC301 Datasheet (PDF) - Diodes Incorporated

PBPC301 Datasheet PDF - Diodes Incorporated
Part # PBPC301
Download  PBPC301 Download
File Size   51.17 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A BRIDGE RECTIFIER

PBPC301 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBPC301 Datasheet PDF - Diodes Incorporated

Part # PBPC301
Download  PBPC301 Click to download

File Size   51.17 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A BRIDGE RECTIFIER

PBPC301 Datasheet (HTML) - Diodes Incorporated


PBPC301 Product details

Features
• High Current Capability
• Surge Overload Rating to 50A Peak
• High Case Dielectric Strength of 1500V
• Ideal for Printed Circuit Board Application
• UL Listed Under Recognized Component Index, File Number E94661




Similar Part No. - PBPC301

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBPC301 DIODES-PBPC301 Datasheet
342Kb / 3P
3.0A BRIDGE RECTIFIER
DS21345 Rev. 6 - 2
PBPC301 DIODES-PBPC301_1 Datasheet
342Kb / 3P
3.0A BRIDGE RECTIFIER
DS21345 Rev. 6 - 2
More results


Similar Description - PBPC301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC300 WTE-KBPC300 Datasheet
32Kb / 3P
3.0A BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301 Datasheet
3Mb / 2P
3.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBP301 ZSELEC-GBP301 Datasheet
58Kb / 2P
3.0A BRIDGE RECTIFIER
KBP301 ZSELEC-KBP301 Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
KBP301G ZSELEC-KBP301G Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
KBP3005 ZSELEC-KBP3005 Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
UR3KB05 ZSELEC-UR3KB05 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
3RS101M ZSELEC-3RS101M Datasheet
95Kb / 2P
3.0A BRIDGE RECTIFIER
D3KB05 ZSELEC-D3KB05 Datasheet
117Kb / 2P
3.0A BRIDGE RECTIFIER
GBP301 ZSELEC-GBP301_V01 Datasheet
85Kb / 2P
3.0A BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com