Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBU401 Datasheet (PDF) - Diodes Incorporated

PBU401 Datasheet PDF - Diodes Incorporated
Part # PBU401
Download  PBU401 Download
File Size   70.3 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.0A BRIDGE RECTIFIER

PBU401 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBU401 Datasheet PDF - Diodes Incorporated

Part # PBU401
Download  PBU401 Click to download

File Size   70.3 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.0A BRIDGE RECTIFIER

PBU401 Datasheet (HTML) - Diodes Incorporated


PBU401 Product details

Features

• Low Forward Voltage Drop, High Current Capability

• Surge Overload Rating to 200A Peak

• Ideal for Printed Circuit Board Applications

• Case to Terminal Isolation Voltage 1500V

• Plastic Material: UL Flammability Classification Rating 94V-0

• UL Listed Under Recognized Component Index, File Number E95060



 




Similar Part No. - PBU401

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
PBU CONQUER-PBU Datasheet
123Kb / 1P
3.6Ø x 10 mm
logo
List of Unclassifed Man...
PBU 321 ETC-PBU 321 Datasheet
65Kb / 1P
BOXES FOR PARTITION WALLS
PBU 322 ETC-PBU 322 Datasheet
65Kb / 1P
BOXES FOR PARTITION WALLS
PBU 441 ETC-PBU 441 Datasheet
65Kb / 1P
BOXES FOR PARTITION WALLS
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
Product/Process Bulletin Update
More results


Similar Description - PBU401

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ4A WTE-KBJ4A Datasheet
50Kb / 3P
4.0A BRIDGE RECTIFIER
KBL400 WTE-KBL400 Datasheet
33Kb / 3P
4.0A BRIDGE RECTIFIER
KBU400 WTE-KBU400 Datasheet
42Kb / 3P
4.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBL406 DIODES-PBL406 Datasheet
67Kb / 2P
4.0A BRIDGE RECTIFIER
DS21305 Rev. E-3
logo
Zibo Seno Electronic En...
GBP4005 ZSELEC-GBP4005 Datasheet
58Kb / 2P
4.0A BRIDGE RECTIFIER
UG4KB05 ZSELEC-UG4KB05 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
UR4KB05 ZSELEC-UR4KB05 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05 Datasheet
117Kb / 2P
4.0A BRIDGE RECTIFIER
D4KB05 ZSELEC-D4KB05_V01 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
GBP401 ZSELEC-GBP401_V01 Datasheet
85Kb / 2P
4.0A BRIDGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com