Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1500 Datasheet (PDF) - Diodes Incorporated

R1500 Datasheet PDF - Diodes Incorporated
Part # R1500
Download  R1500 Download
File Size   59.87 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE RECTIFIER

R1500 Datasheet (PDF)

Go To PDF Page Download Datasheet
R1500 Datasheet PDF - Diodes Incorporated

Part # R1500
Download  R1500 Click to download

File Size   59.87 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE RECTIFIER

R1500 Datasheet (HTML) - Diodes Incorporated


R1500 Product details

Features

High Voltage to 3000V with Low Leakage

1.5kV to 3kV VRRM

Surge Ratings of 25A - 30A

Plastic Material - UL Flammability

      Classification Rating 94V-0



Mechanical Data

Case: Molded Plastic

Terminals: Plated Leads Solderable per MIL-STD-202, Method 208

Polarity: Cathode Band

Weight: 0.35 grams (approx.)

Mounting Position: Any

Marking: Type Number




Similar Part No. - R1500

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1500 ZOWIE-R1500 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Rectron Semiconductor
R1500 RECTRON-R1500 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
logo
Bytes
R1500 BYTES-R1500 Datasheet
145Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
logo
Dc Components
R1500 DCCOM-R1500 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Formosa MS
R1500 FORMOSA-R1500 Datasheet
30Kb / 2P
HIGH VOLTAGE SILICON RECTIFIERS
More results


Similar Description - R1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Voltage Multipliers Inc...
M180UFG VMI-M180UFG Datasheet
66Kb / 1P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com