Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GBLC03LC Datasheet (PDF) - Protek Devices

GBLC03LC Datasheet PDF - Protek Devices
Part # GBLC03LC
Download  GBLC03LC Download
File Size   518.13 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITA NCE TVS ARRAY

GBLC03LC Datasheet (PDF)

Go To PDF Page Download Datasheet
GBLC03LC Datasheet PDF - Protek Devices

Part # GBLC03LC
Download  GBLC03LC Click to download

File Size   518.13 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ULTRA LOW CAPACITA NCE TVS ARRAY

GBLC03LC Datasheet (HTML) - Protek Devices


GBLC03LC Product details

DESCRIPtION
The GBLCxxLC and GBLCxxCLC Series are ultra low capacitance transient voltage suppressor arrays, designed to protect applicatons such as portable electronics and SMART phones. This series is available in both unidirectonal and bidirectonal confguratons and is rated at 250 Wats for an 8/20µs waveshape.

FEATURES
• Compatble with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatble with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatble with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Gnd) & Level 3(Line-Line)
• 250 Wats Peak Pulse Power per Line (tp = 8/20µs)
• Replacement for MLV (0805)
• Unidirectonal & Bidirectonal Confguratons
• Protects One Power or I/O Port
• ESD Protecton > 25kV
• Low Clamping Voltage
• Available in Multple Voltages Ranging From 3V to 24V
• Ultra Low Capacitance: 0.7pF (Cj(SD) Typical)
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Ethernet 10/100/1000 Base T
• SMART Phones
• Handheld - Wireless Systems
• USB 1.0, USB 2.0 & USB 3.0




Similar Part No. - GBLC03LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03LC PROTEC-GBLC03LC Datasheet
495Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
GBLC03LC PROTEC-GBLC03LC Datasheet
498Kb / 6P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLC03LC PROTEC-GBLC03LC_12 Datasheet
498Kb / 6P
ULTRA LOW CAPACITANCE TVS ARRAY
More results


Similar Description - GBLC03LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DL0521P PROTEC-DL0521P Datasheet
458Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
EBLC05C PROTEC-EBLC05C Datasheet
503Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
GBLC03I PROTEC-GBLC03I_10 Datasheet
601Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_10 Datasheet
446Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521 Datasheet
575Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
498Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC24C-LF-T7 ETC2-GBLC24C-LF-T7 Datasheet
622Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESD5Z5CL BWTECH-ESD5Z5CL Datasheet
1,014Kb / 3P
Ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLCSC03 PROTEC-GBLCSC03_12 Datasheet
449Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521_12 Datasheet
580Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com