Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBL1640 Datasheet (PDF) - Diodes Incorporated

SBL1640 Datasheet PDF - Diodes Incorporated
Part # SBL1640
Download  SBL1640 Download
File Size   66.19 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 16A SCHOTTKY BARRIER RECTIFIER

SBL1640 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBL1640 Datasheet PDF - Diodes Incorporated

Part # SBL1640
Download  SBL1640 Click to download

File Size   66.19 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 16A SCHOTTKY BARRIER RECTIFIER

SBL1640 Datasheet (HTML) - Diodes Incorporated


SBL1640 Product details

Features

•Schottky Barrier Chip

• Guard Ring Die Construction for

Transient Protection

• Low Power Loss, High Efficiency

• High Surge Capability

• High Current Capability and Low Forward Voltage Drop

• For Use in Low Voltage, High Frequency Inverters, Free

Wheeling, and Polarity Protection Applications

•  Lead Free Finish, RoHS Compliant (Note 3)



Mechanical Data

•Case: TO-220AC

• Case Material: Molded Plastic. UL Flammability

Classification Rating 94V-0

• Moisture Sensitivity: Level 1 per J-STD-020C

• Polarity: See Diagram

• Terminals: Finish – Tin. Solderable per MIL-STD-202,

Method 208

• Mounting Position: Any

• Marking: Type Number

• Weight: 2.24 grams (approximate)




Similar Part No. - SBL1640

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1640 DIODES-SBL1640 Datasheet
75Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
SBL1640 BILIN-SBL1640 Datasheet
228Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
JILIN SINO-MICROELECTRO...
SBL1640 JSMC-SBL1640 Datasheet
424Kb / 6P
SCHOTTKY BARRIER DIODE
logo
Jiangsu Changjiang Elec...
SBL1640 JIANGSU-SBL1640 Datasheet
286Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Inchange Semiconductor ...
SBL1640 ISC-SBL1640 Datasheet
275Kb / 2P
Schottky Rectifier
More results


Similar Description - SBL1640

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT Datasheet
39Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
SB1630 WTE-SB1630 Datasheet
48Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
logo
SemiWell Semiconductor
F16M40CT SEMIWELL-F16M40CT Datasheet
165Kb / 3P
16A Schottky Barrier Rectifier
P16M40CT SEMIWELL-P16M40CT Datasheet
157Kb / 3P
16A Schottky Barrier Rectifier
logo
Diodes Incorporated
SBL1630CT DIODES-SBL1630CT_1 Datasheet
70Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
SBL1630 DIODES-SBL1630_1 Datasheet
75Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. 4 - 2
SBL1640CT DIODES-SBL1640CT Datasheet
93Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
Rev erse
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
16A SCHOTTKY BARRIER RECTIFIER
Rev 9
SBL1630PT DIODES-SBL1630PT_15 Datasheet
63Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com