Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

813-SL70.0M-06 Datasheet (PDF) - Oscilent Corporation

813-SL70.0M-06 Datasheet PDF - Oscilent Corporation
Part # 813-SL70.0M-06_14
Download  813-SL70.0M-06 Download
File Size   129.91 Kbytes
Page   4 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 70.0 MHz IF SAW Filter 5.6 MHz Bandwidth

813-SL70.0M-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
813-SL70.0M-06 Datasheet PDF - Oscilent Corporation

Part # 813-SL70.0M-06_14
Download  813-SL70.0M-06 Click to download

File Size   129.91 Kbytes
Page   4 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 70.0 MHz IF SAW Filter 5.6 MHz Bandwidth

813-SL70.0M-06 Datasheet (HTML) - Oscilent Corporation




Similar Part No. - 813-SL70.0M-06_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL70.0M-06 OSCILENT-813-SL70.0M-06 Datasheet
238Kb / 3P
IF SAW Filter
More results


Similar Description - 813-SL70.0M-06_14

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
813-IF70.0M-14E OSCILENT-813-IF70.0M-14E Datasheet
220Kb / 6P
70.0 MHz IF SAW Filter 14.80 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
820-SL70.0M-06 OSCILENT-820-SL70.0M-06 Datasheet
130Kb / 4P
70.0 MHz IF SAW Filter 5.6 MHz Bandwidth
821-IF70.0M-07A OSCILENT-821-IF70.0M-07A Datasheet
184Kb / 6P
70.0 MHz IF SAW Filter 7.28 MHz Bandwidth
821-IF70.0M-19D OSCILENT-821-IF70.0M-19D Datasheet
213Kb / 6P
70.0 MHz IF SAW Filter 19.40 MHz Bandwidth
835-IF70.0M-105A OSCILENT-835-IF70.0M-105A Datasheet
105Kb / 4P
70.0 MHz IF SAW Filter 10.45 MHz Bandwidth
813-SL70.0M-04 OSCILENT-813-SL70.0M-04_14 Datasheet
128Kb / 4P
70.0 MHz IF SAW Filter 3.65 MHz Bandwidth
logo
Transko Electronics, In...
TA07019DD1 TRANSKO-TA07019DD1 Datasheet
527Kb / 4P
70.0 MHz IF SAW Filter / 19.40 MHz Bandwidth
Revision 0: 07 May 2009
TL7009V TRANSKO-TL7009V Datasheet
471Kb / 3P
70.0 MHz IF SAW Filter / 8.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com