Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3710ZGPBF Datasheet (PDF) - International Rectifier

IRF3710ZGPBF Datasheet PDF - International Rectifier
Part # IRF3710ZGPBF
Download  IRF3710ZGPBF Download
File Size   293.92 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Advanced Process Technology

IRF3710ZGPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF3710ZGPBF Datasheet PDF - International Rectifier

Part # IRF3710ZGPBF
Download  IRF3710ZGPBF Click to download

File Size   293.92 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Advanced Process Technology

IRF3710ZGPBF Datasheet (HTML) - International Rectifier


IRF3710ZGPBF Product details

VDSS = 100V

RDS(on) = 18mΩ

ID = 59A



Description

This HEXFET®Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in a wide variety of applications.



Features

 Advanced Process Technology

 Ultra Low On-Resistance

 Dynamic dv/dt Rating

 175°C Operating Temperature

 Fast Switching

 Repetitive Avalanche Allowed up to Tjmax

 Lead-Free

 Halogen-Free

 




Similar Part No. - IRF3710ZGPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3710Z IRF-IRF3710Z Datasheet
270Kb / 12P
AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
Advanced Process Technology Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRF3710Z ISC-IRF3710Z Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
logo
EVER SEMICONDUCTOR CO.,...
IRF3710Z EVVOSEMI-IRF3710Z Datasheet
1Mb / 4P
N-Channel Enhancement Mode MOSFET
logo
International Rectifier
IRF3710ZL IRF-IRF3710ZL Datasheet
270Kb / 12P
AUTOMOTIVE MOSFET
More results


Similar Description - IRF3710ZGPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com