Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAZ30 Datasheet (PDF) - Diodes Incorporated

SMAZ30 Datasheet PDF - Diodes Incorporated
Part # SMAZ30
Download  SMAZ30 Download
File Size   60.03 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A SURFACE MOUNT ZENER DIODE

SMAZ30 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAZ30 Datasheet PDF - Diodes Incorporated

Part # SMAZ30
Download  SMAZ30 Click to download

File Size   60.03 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A SURFACE MOUNT ZENER DIODE

SMAZ30 Datasheet (HTML) - Diodes Incorporated


SMAZ30 Product details

Features

• 1.0W Power Dissipation

• Ideally Suited for Automatic Assembly

• 5.1V - 39V Nominal Zener Voltage Range

• Standard VZ Tolerance is ± 5%

• Lead Free Finish/RoHS Compliant (Note 2)



 




Similar Part No. - SMAZ30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAZ30 VISHAY-SMAZ30 Datasheet
171Kb / 3P
1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ30 DIODES-SMAZ30 Datasheet
90Kb / 4P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
EIC discrete Semiconduc...
SMAZ30 EIC-SMAZ30 Datasheet
64Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
SMAZ30 DIODES-SMAZ30 Datasheet
129Kb / 5P
1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Micro Commercial Compon...
SMAZ30 MCC-SMAZ30 Datasheet
313Kb / 4P
Halogen free available upon request by adding suffix "-HF" 1.0W Power Dissipation
More results


Similar Description - SMAZ30

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UF1A ZSELEC-UF1A Datasheet
170Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
HS1AL ZSELEC-HS1AL Datasheet
117Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
GU1A ZSELEC-GU1A Datasheet
134Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
US1A ZSELEC-US1A Datasheet
135Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
US1AF ZSELEC-US1AF Datasheet
90Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
10BF05 ZSELEC-10BF05 Datasheet
134Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
MURS110 ZSELEC-MURS110 Datasheet
142Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
MURS110A ZSELEC-MURS110A Datasheet
133Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
SMBYT01-50 ZSELEC-SMBYT01-50 Datasheet
159Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
10BF05 ZSELEC-10BF05_V01 Datasheet
135Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com