Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF1001 Datasheet (PDF) - Diodes Incorporated

UF1001 Datasheet PDF - Diodes Incorporated
Part # UF1001
Download  UF1001 Download
File Size   62.35 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A ULTRA-FAST RECTIFIER

UF1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF1001 Datasheet PDF - Diodes Incorporated

Part # UF1001
Download  UF1001 Click to download

File Size   62.35 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A ULTRA-FAST RECTIFIER

UF1001 Datasheet (HTML) - Diodes Incorporated


UF1001 Product details

Features
• Diffused Junction
• Ultra-Fast Switching for High Efficiency
• Low Reverse Leakage Current
• Surge Overload Rating to 30A Peak
• IEC 61000-4-2 (ESD - 150pF/330Ω)
   UF1001 – UF1003: Contact: discharge - ±15kV
• Lead Free Finish, RoHS Compliant (Note 4)




Similar Part No. - UF1001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1001 PANJIT-UF1001 Datasheet
60Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
Won-Top Electronics
UF1001 WTE-UF1001 Datasheet
44Kb / 3P
10A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Fuji Electric
UF1001 FUJI-UF1001 Datasheet
759Kb / 1P
1 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
UF1001 DIODES-UF1001 Datasheet
419Kb / 3P
1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. 11 - 2
logo
Won-Top Electronics
UF1001 WTE-UF1001 Datasheet
50Kb / 4P
10A GLASS PASSIVATED ULTRAFAST RECTIFIER
More results


Similar Description - UF1001

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
UF1001 DIODES-UF1001_1 Datasheet
419Kb / 3P
1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. 11 - 2
logo
TAITRON Components Inco...
TUF101 TAITRON-TUF101 Datasheet
136Kb / 4P
1.0A Ultra Fast Recovery Rectifier
logo
Diodes Incorporated
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
logo
SUNMATE electronic Co.,...
11DF3 SUNMATE-11DF3 Datasheet
143Kb / 2P
1.0A Axial Leaded Ultra-Fast Rectifier
logo
Diodes Incorporated
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 11
UF1001 DIODES-UF1001_15 Datasheet
426Kb / 3P
1.0A ULTRA-FAST RECTIFIER
Rev erse
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
US1000FL YENYO-US1000FL Datasheet
250Kb / 2P
1.0A Ultra Fast Recovery Rectifier
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com