Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5177 Datasheet (PDF) - NEC

2SC5177 Datasheet PDF - NEC
Part # 2SC5177
Download  2SC5177 Download
File Size   56.93 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION

2SC5177 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5177 Datasheet PDF - NEC

Part # 2SC5177
Download  2SC5177 Click to download

File Size   56.93 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION

2SC5177 Datasheet (HTML) - NEC


2SC5177 Product details

FEATURES
• Low Current Consumption and High Gain
   |S21e|2 = 9.0 dB TYP. @ VCE = 2 V, IC = 7 mA, f = 2 GHz
   |S21e|2 = 8.5 dB TYP. @ VCE = 1 V, IC = 5 mA, f = 2 GHz
• Mini-Mold package
   EIAJ: SC-59




Similar Part No. - 2SC5177

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5177 RENESAS-2SC5177 Datasheet
187Kb / 14P
SILICON TRANSISTOR
1994
More results


Similar Description - 2SC5177

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5178 NEC-2SC5178 Datasheet
82Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5179 NEC-2SC5179 Datasheet
57Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SMALL MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5180 NEC-2SC5180 Datasheet
54Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5181 NEC-2SC5181 Datasheet
50Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5182 NEC-2SC5182 Datasheet
56Kb / 12P
NPS EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5183 NEC-2SC5183 Datasheet
60Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5184 NEC-2SC5184 Datasheet
58Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5185 NEC-2SC5185 Datasheet
60Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5186 NEC-2SC5186 Datasheet
58Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
California Eastern Labs
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com